Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7077ARBI-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7077ARBI-TUL
Description  PWM Step-Up DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7077ARBI-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7077ARBI-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7077ARBI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep, 2005
APW7077/A
www.anpec.com.tw
4
Electrical Characteristics
APW7077A
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Step-Up Section
VIN
Minimum Operating Input
Voltage
VOUT = VDD
0.9
V
VDD
Operating Voltage
VIN = VDD
1.9
5.5
V
Start-up Voltage
Io<10mA, VOUT = VDD (<5.5V)
0.9
1
V
VOUT = 12V, Io<10mA, VDD = VIN
1.9
2.0
V
fSW
Operating Frequency
VDD = 3.3V, VFB = 0.5V
270
300
330
KHZ
Oscillator Frequency Line
Regulation
2.0V<VDD<5.5V
±1.2
%
DMAX
Maximum Duty Cycle
VFB = 0.5V
81
88
95
%
Maximum Duty Line Regulation 2.0V<VDD<5.5V
±0.5
%
Power MOSFET
ISOURCE EXT Output Source Current
Duty
≤5%, EXT = V
DD-0.4V
-70
-110
-150
mA
ISINK
EXT Output Sink Current
Duty
≤5%, EXT = 0.4V
80
120
160
mA
Control Section
Output Voltage Range
External Divider
2.0
V
VFB
Feedback Voltage
ILOAD = 0mA
0.98
1
1.02
V
Feedback Voltage Line
Regulation
2.0V<VDD<5.5V
±0.1
%
IFB
Feedback Input Current
VFB = 1.4V
0.03
50
nA
TSS
Soft-start Time
10
25
40
ms
Soft-start Threshold Voltage
Duty = 50%
1.65
V
Soft-start Hysteresis Voltage
150
mV
VDD = VCE = 3.3V, VFB = 0.5V
150
230
µA
Iq
Operating Current
VDD = VCE = 3.3V, VFB = 1.1V
100
150
µA
IOFF
Stand-by Current
VDD = VCE = 3.3V, VFB = 1.3V
17
25
µA
Switch-off Current
VDD = 3.3V, VCE = 0V
1
2
µA
VCE
Logic LOW (VIL)
0.7
V
Logic HIGH(VIH)
1.2
V
ICE
CE Pin Input Current
VCE = 0V
1
2
µA
VCE = 3.3V
0.07
50
nA
(for all values TA = 25
°C, VOUT= 3.3V, unless otherwise noted)


Similar Part No. - APW7077ARBI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
More results

Similar Description - APW7077ARBI-TUL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com