Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7067NKE-TYL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7067NKE-TYL
Description  Synchronous Buck PWM and Linear Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7067NKE-TYL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7067NKE-TYL Datasheet HTML 1Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 2Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 3Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 4Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 5Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 6Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 7Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 8Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APW7067N
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Synchronous Buck PWM and Linear Controller
Features
Provided Two Regulated Voltages
- Synchronous Buck Converter
- Linear Regulator
Single 12V Power Supply Required
Excellent Both Output Voltage Regulation
- 0.8V Internal Reference
- ±1% Over Line Voltage and Temperature
Integrated Soft-Start for PWM and Linear Outputs
Programmable Frequency Range
from 150 kHz to 1000kHz
Voltage Mode PWM Control Design and
Up to 89% (Typ.) Duty Cycle
Under-Voltage Protection for PWM and Linear
Output
Over-Current Protection for PWM Output
- Sense Low-Side MOSFET’s R
DS(ON)
SOP-14, QSOP-16 and QFN-16 packages
Lead Free Available (RoHS Compliant)
Applications
General Description
The APW7067N integrates synchronous buck PWM
and linear controller, as well as monitoring and pro-
tection functions into a single package. The synchro-
nous PWM controller drives dual N-channel MOSFETs,
which provides one controlled power output with under-
voltage and over-current protections. Linear controller
drives an external N-channel MOSFET with under-volt-
age protection.
TheAPW7067N provides excellent regulation for output
load variation. An internal 0.8V temperature-compensated
reference voltage is designed to meet the requirement
of low output voltage applications. The switching
frequency is adjustable from 150kHz to 1000kHz.
The APW7067N with excellent protection functions:
POR, OCP and UVP. The Power-On Reset (POR)
circuit can monitor VCC12 supply voltage exceeds
its threshold voltage while the controller is running,
and a built-in digital soft-start provides both outputs
with controlled rising voltage. The Over-Current Protection
(OCP) monitors the output current by using the voltage
drop across the lower MOSFET’s R
DS(ON), comparing
with internal V
OCP (0.25V), eliminating the need for a
current sensing resister. When the output current
reaches the trip point, the controller will shutdown the
IC directly, and latch the converter’s output. The
Under-Voltage Protection (UVP) monitors the voltages
of FB and FBL pins for short-circuit protection. When
the V
FB or VFBL is less than 50% of VREF, the controller
will shutdown the IC directly.
Graphic Cards


Similar Part No. - APW7067NKE-TYL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7067NKE-TRG ANPEC-APW7067NKE-TRG Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7067NKE-TRL ANPEC-APW7067NKE-TRL Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
More results

Similar Description - APW7067NKE-TYL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com