Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9131AI-TR Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APX9131AI-TR
Description  Hall Effect Micro Switch IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131AI-TR Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APX9131AI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 10Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 11Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 12Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 13Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Sep., 2005
APX9131
www.anpec.com.tw
11
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125
°C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121
°C
TST
MIL-STD-883D-1011.9
-65
°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , I
tr > 100mA
Carrier Tape & Reel Dimensions
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Table 2. Pb-free Process – Package Classification Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 mm – 2.5 mm
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0
°C*
245 +0
°C*
245 +0
°C*
*Tolerance: The device manufacturer/supplier shall assure process compatibility up to and
including the stated classification temperature (this means Peak reflow temperature +0
°C.
For example 260
°C+0°C) at the rated MSL level.
Table 1.
SnPb Entectic Process – Package Peak Reflow Temperature s
Package Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
240 +0/-5
°C
225 +0/-5
°C
≥2.5 mm
225 +0/-5
°C
225 +0/-5
°C
Classificatin Reflow Profiles(Cont.)


Similar Part No. - APX9131AI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9131AI-TRG ANPEC-APX9131AI-TRG Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
More results

Similar Description - APX9131AI-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com