Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7120KE-TUL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7120KE-TUL
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120KE-TUL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7120KE-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7120KE-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2006
APW7120
www.anpec.com.tw
5
APW7120
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
REFERENCE VOLTAGE
VREF
Reference Voltage
Measured at FB Pin
-
0.8
-
V
Accuracy
TA =-20~70°C
-2.0
-
+2.0
%
Line Regulation
VCC=12 ~ 5V
-
0.05
0.5
%
ERROR AMPLIFIER
DC Gain
-
86
-
dB
FP1
First Pole Frequency
-
0.4
-
Hz
FZ
Zero Frequency
-
0.4
-
kHz
FP2
Second Pole Frequency
-
430
-
kHz
Average UGATE Duty Range
0
-
85
%
FB Input Current
-
-
0.1
µA
PWM CONTROLLER GATE DRIVERS
UGATE Source
VBOOT-PHASE =12V, VUGATE-PHASE =6V
1.0
2.0
-
A
UGATE Sink
VBOOT-PHASE =12V, VUGATE-PHASE=1V
-
3.5
7
LGATE Source
VCC=12V, VLGATE=6V
1.0
1.9
-
A
LGATE Sink
VCC=12V, VLGATE=1V
-
2.6
5
TD
Dead-Time
Guaranteed by Design
-
40
100
nS
PROTECTIONS
IOCSET OCSET Current Source
VPHASE=0V, Normal Operation
35
40
45
µA
Over-Current Reference Voltage TA =-20~70°C
0.37
0.4
0.43
V
UVFB
FB Under-Voltage Threshold
Rising VFB
64
67
70
%
FB Under-Voltage Hysteresis
-
45
-
mV
Over-Voltage Threshold
Rising VFB
115
118
121
%
SOFT-START AND SHUTDOWN
TSS
Soft-Start Interval
2
3.8
5
mS
OCSET Shutdown Threshold
Falling VOCSET
0.1
0.15
0.3
V
OCSET Shutdown Hysteresis
-
40
-
mV
Electrical Characteristics (Cont.)
Unless otherswise specified, these specifications apply over VCC = 12V, VBOOT = 12V and TA = -20 ~ 70oC.
Typlcal values are at TA= 25oC.


Similar Part No. - APW7120KE-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120KE-TRG ANPEC-APW7120KE-TRG Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120KE-TRL ANPEC-APW7120KE-TRL Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120KE-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120_08 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com