Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7078XI-TUL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7078XI-TUL
Description  Single PWM Switching Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7078XI-TUL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7078XI-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7078XI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.3 - Nov., 2005
APW7078
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Single PWM Switching Controller
Features
General Description
Applications
The A PW 7078 is a single P W M, s tep-up DC-DC
c ont roller wit h low operating volt age applic at ion
int egr at ing s oft-st art and short circ uit detect ion
function. And the oscillator switching frequency on chip
can be operated by terminating OSC pin to connect
c apac itor and resis t or for adjus t able operating
frequency. Soft-start is adjusted with external capacitor,
whic h s et s t he input current ramp. Bes ides, the
external compensation FB pin will apply the flexibility in
the dynamic loop status, which allow using small, low
equivalent series res istance (ES R) c eramic output
capacitors.
Pinouts
APW7078
1
2
3
4
5
6
7
8
INV
VDD
SCP
CTL
OUT
GND
OSC
FB
1
2
3
4
5
6
7
8
INV
VDD
SCP
CTL
OUT
GND
OSC
FB
2.3 to 5.5V Input Voltage Range
Adjustable Frequency: Maximum 1MHZ
Incorporates Soft-start Function
Built-in Short-circuit Detection Circuit (SCP)
Low Operating Current: Maximum to 1mA
Low Shutdown Current: Maximum to 1mA
Package: MSOP-8, TSSOP-8
Under Voltage Lockout
Lead Free Available (RoHS Compliant)
LCD Display Power Source
Camcorders VCRs, MP3 and Digital Still
Camera
Hand-held and Communication Instruments
PDAs
Ordering and Marking Information
APW7078
Package Code
X : MSOP - 8
O : TSSOP-8
Temp. Range
I : -40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
Handling Code
Temp. Range
Package Code
APW7078 X :
APW7078
XXX
XXXXX - Date Code
APW7078
XXXXX
APW7078 O :
XXXXX - Date Code
XX
Lead Free Code
No tes : ANPEC lea d-free produ cts co nta in mol din g comp oun ds/die attach m ate ria ls and 10 0% matte in pla te
te rmin atio n fi nish ; wh ich are full ycompl iant with Ro HS and compa tibl e wi th both SnPb an d le ad-free sold ieri ng
op era tio ns. AN PEC le ad-free produ cts me et or exceed th e l ead -free req uireme nts of IPC /JEDEC J STD -02 0C
fo r MSL classi ficati on at lea d-fre e p eak re flo w temp era ture.


Similar Part No. - APW7078XI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
More results

Similar Description - APW7078XI-TUL

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ED8101 ALTERA-ED8101 Datasheet
958Kb / 23P
   Single-Rail PWM controller
ED8106 ALTERA-ED8106 Datasheet
736Kb / 14P
   Single-Rail PWM controller
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com