Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7068ME-TUL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7068ME-TUL
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068ME-TUL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7068ME-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 11Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 12Page - Anpec Electronics Coropration APW7068ME-TUL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2006
APW7068
www.anpec.com.tw
9
Typical Characteristics (Cont.)
CH1: VCC (20V/div)
CH2: LG (10V/div)
CH3: Vo1 (500mV/div)
CH4: Vo2 (2V/div)
Time: 10ms/div
CH1: FBL (1V/div)
CH2: Drive (5V/div)
CH3: Vo2 (2V/div)
Time: 100us/div
UGATE Rising
UGATE Falling
OVP_PWM Controller (FB
> 135% V
REF)
UVP_Linear Regulator (FBL< 50% V
REF)
Vcc12=12V, Vin1=12V
Vo1=1.2V,Vo2=2.5V,L=1uH
CH3
CH2
CH1
CH4
CH3
CH2
CH1
VCC12=12V, Vin2=3.3V
Vo2=2.5V,Io2=3A
CH1: Ug (20V/div)
CH2: Phase (10V/div)
CH3: Lg (10V/div)
Time: 50ns/div
CH1: Ug (20V/div)
CH2: Phase (10V/div)
CH3: Lg (10V/div)
Time: 50ns/div
Vcc12=12V, Vin1=12V, Vo1=1.2V
CH3
CH2
CH1
Vcc12=12V, Vin1=12V, Vo1=1.2V
CH3
CH2
CH1


Similar Part No. - APW7068ME-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068KE-TRG ANPEC-APW7068KE-TRG Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068NE-TRG ANPEC-APW7068NE-TRG Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068QAE-TRG ANPEC-APW7068QAE-TRG Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results

Similar Description - APW7068ME-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com