Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7120KE-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7120KE-TR
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120KE-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7120KE-TR Datasheet HTML 1Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 2Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 3Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW7120KE-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2006
APW7120
www.anpec.com.tw
2
APW7120
HandlingCode
Temp.Range
PackageCode
PackageCode
K : SOP-8
Operating Ambient Temp. Range
E : -20 to 70 C
HandlingCode
TU : Tube
TR : Tape & Reel
LeadFreeCode
L : Lead Free Device
Blank : Original Device
APW7120 K :
APW7120
XXXXX
XXXXX - Date Code
LeadFreeCode
°
Ordering and Marking Information
Block Diagram
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.
3VCC
Power On
Reset
VCC
OCSET
UGATE
LGATE
Oscillator
Gate
Control
VREF
0.8V
Soft-Start
and Fault
Logic
FOSC
300kHz
PHASE
Gm
Amplifier
FB
PWM
Inhibit
40uA
COMP
67%VREF
UV
GND
POR
Soft-Start
OC
BOOT
Regulator
3VCC
OV
118%VREF
3VCC
0.4V
0.15V
Enable
2.5V


Similar Part No. - APW7120KE-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120KE-TRG ANPEC-APW7120KE-TRG Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120KE-TRL ANPEC-APW7120KE-TRL Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120KE-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120_08 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com