Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7067NME-TUL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7067NME-TUL
Description  Synchronous Buck PWM and Linear Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7067NME-TUL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7067NME-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APW7067NME-TUL Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APW7067N
www.anpec.com.tw
7
Function Pin Descriptions
VCC12
Power supply input pin. Connect a nominal 12V power
supply to this pin. The power-on reset function monitors
the input voltage at this pin. It is recommended that a
decoupling capacitor (1 to 10
µF) be connected to GND
for noise decoupling.
BOOT
This pin provides the bootstrap voltage to the upper
gate driver for driving the N-channel MOSFET. An
external capacitor from PHASE to BOOT, an internal
diode, and the power supply valtage VCC12, generates
the bootstrap voltage for the upper gate diver (UGATE).
PHASE
This pin is the return path for the upper gate driver.
Connect this pin to the upper MOSFET source, and
connect a capacitor to BOOT for the bootstrap voltage.
This pin is also used to monitor the voltage drop across
the lower MOSFET for over-current protection.
GND
This pin is the signal ground pin. Connect the GND pin
to a good ground plane.
PGND
This pin is the power ground pin for the lower gate
driver. It should be tied to GND pin on the board.
COMP
This pin is the output of PWM error amplifier. It is
used to set the compensation components.
FB
This pin is the inverting input of the PWM error amplifier.
It is used to set the output voltage and the compensation
components. This pin is also monitored for under-
voltage protection, when the FB voltage is under 50%
of reference voltage (0.4V), both outputs will be shut
- downed immediately.
UGATE
This pin is the gate driver for the upper MOSFET of
PWM output.
LGATE
This pin is the gate driver for the lower MOSFET of
PWM output.
DRIVE
This pin drives the gate of an external N-channel
MOSFET for linear regulator. It is also used to set the
compensation for some specific applications, for
example, with low values of output capacitance and
ESR.
FBL
This pin is the inverting input of the linear regulator
error amplifier. It is used to set the output voltage.
This pin is also monitored for under-voltage protection,
when the FBL voltage is under 50% of reference voltage
(0.4V), both outputs will be shutdown immediately.
FS_DIS
This pin be allowed to adjust the switching frequency.
Connect a resistor from FS_DIS pin to the ground to
increase the switching frequency. This pin also provides
shutdown function, use an open drain logic signal to
pull this pin low to disable both outputs, leave open to
enable both outputs.


Similar Part No. - APW7067NME-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7067NME-TRG ANPEC-APW7067NME-TRG Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7067NME-TRL ANPEC-APW7067NME-TRL Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
More results

Similar Description - APW7067NME-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com