Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7068QAE-TY Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7068QAE-TY
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068QAE-TY Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7068QAE-TY Datasheet HTML 1Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 2Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 3Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 4Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 5Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 6Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 7Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 8Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2006
APW7068
www.anpec.com.tw
4
Absolute Maximum Ratings (Cont.)
Symbol
Parameter
Rating
Unit
VCC12
IC Supply Voltage
10.8 to 13.2
V
VIN1
Converter Input Voltage
2.9 to 13.2
V
VOUT1
Converter Output Voltage
0.9 to 5
V
IOUT1
Converter Output Current
0 to 30
A
IOUT2
Linear Output Current
0 to 3
A
TA
Ambient Temperature Range
-20 to 70
°C
TJ
Junction Temperature Range
-20 to 125
°C
Recommended Operating Conditions
Unless otherwise specified, these specifications apply over VCC12=12V, and TA =-20~70
°C. Typical values
are at T
A=25°C.
Electrical Characteristics
APW7068
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
INPUT SUPPLY CURRENT
VCC12 Supply Current
(Shutdown mode)
UGATE, LGATE and DRIVE
open; FS_DIS=GND
4
6
mA
ICC12
VCC12 Supply Current
UGATE, LGATE and DRIVE
open
8
12
mA
POWER-ON RESET
Rising VCC12 Threshold
7.7
7.9
8.1
V
Falling VCC12 Threshold
7.2
7.4
7.6
V
OSCILLATOR
Accuracy
-15
+15
%
FOSC
Oscillator Frequency
255
300
345
KHz
VOSC
Ramp Amplitude
(nominal 1.2V to 2.7V)
(NOTE3)
1.5
V
Duty
Maximum Duty Cycle
89
%
Symbol
Parameter
Rating
Unit
PGND
PGND to GND
-0.3 to +0.3
V
TJ
Junction Temperature Range
-20 to +150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Soldering Temperature (10 Seconds)
300
°C
VESD
Minimum ESD Rating
±2
KV
NOTE1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
NOTE2: The device is ESD sensitive. Handling precautions are recommended.


Similar Part No. - APW7068QAE-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068QAE-TRG ANPEC-APW7068QAE-TRG Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results

Similar Description - APW7068QAE-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com