Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7068QAE-TY Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7068QAE-TY
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068QAE-TY Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7068QAE-TY Datasheet HTML 1Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 2Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 3Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 4Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 5Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 6Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 7Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 8Page - Anpec Electronics Coropration APW7068QAE-TY Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2006
APW7068
www.anpec.com.tw
3
Block Diagram
GND
Gate Control
Soft Start
and
Fault
Logic
Power-On
Reset
PHASE
LGATE
FB
VCC12
UGATE
VREF
135%V
REF
O.C.P
Comparator
PWM
Comparator
O.V.P
Comparator
X1.35
COMP
BOOT
V
REF
50%V
REF
: 2
FBL
DRIVE
Oscillator
FS_DIS
U.V.P
Comparator
PGND
I
OCSET
40uA
OCSET
Regulator
10V
V
REF
(0.8V)
10V
Error
Amp 1
Error
Amp 2
Sawtooth Wave
(300KHz)
Reference
Buffer
REF_OUT
Sense Low Side
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC12
VCC12 to GND
-0.3 to +16
V
BOOT
BOOT to PHASE
-0.3 to +16
V
UGATE
UGATE to PHASE
<400ns pulse width
>400ns pulse width
-5 to BOOT+5
-0.3 to BOOT+0.3
V
LGATE
LGATE to PGND
<400ns pulse width
>400ns pulse width
-5 to VCC12+5
-0.3 to VCC12+0.3
V
PHASE
PHASE to GND
<400ns pulse width
>400ns pulse width
-5 to +21
-0.3 to 16
V
DRIVE
DRIVE to GND
12
V
FB, FBL, COMP,
FS_DIS
FB, FBL, COMP, FS_DIS to GND
-0.3 to 7
V


Similar Part No. - APW7068QAE-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068QAE-TRG ANPEC-APW7068QAE-TRG Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results

Similar Description - APW7068QAE-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com