Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7120 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7120
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7120 Datasheet HTML 1Page - Anpec Electronics Coropration APW7120 Datasheet HTML 2Page - Anpec Electronics Coropration APW7120 Datasheet HTML 3Page - Anpec Electronics Coropration APW7120 Datasheet HTML 4Page - Anpec Electronics Coropration APW7120 Datasheet HTML 5Page - Anpec Electronics Coropration APW7120 Datasheet HTML 6Page - Anpec Electronics Coropration APW7120 Datasheet HTML 7Page - Anpec Electronics Coropration APW7120 Datasheet HTML 8Page - Anpec Electronics Coropration APW7120 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2006
APW7120
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Operating with Single 5~12V Supply Voltage
or two Supply Voltages
Drive Dual Low Cost N-Channel MOSFETs
- Adaptive Shoot-Through Protection
Built-in Feedback Compensation
- Voltage-Mode PWM Control
- 0~100% Duty Ratio
- Fast Transient Response
±2% 0.8V Reference
- Over Line, Load Regulation and
Operating Temp.
Programmable Over-Current Protection
- Using R
DS(ON) of Low-Side MOSFET
Hiccup-Mode Under-Voltage Protection
118% Over-Voltage Protection
Adjustable Output Voltage
Small Converter Size
- 300kHz Constant Switching Frequency
- Small SOP-8 Package
Built-In Digital Soft-Start
Shutdown Control using an External MOSFET
Lead Free Available (RoHS Compliant)
Features
Applications
General Description
The APW7120 is a fixed 300kHz frequency, voltage
mode, synchronous PWM controller. The device drives
two low cost N-channel MOSFETs and is designed to
work with single 5~12V or two supply voltage(s),
providing excellent regulation for load transients.
The APW7120 integrates controls, monitoring and
protection functions into a single 8-pin package to
provide a low cost and perfect power solution.
A power-on-reset (POR) circuit monitors the VCC
supply voltage to prevent wrong logic controls. An
internal 0.8V reference provides low output voltage
down to 0.8V for further applications. An built-in digital
soft-start with fixed soft-start interval prevents the
output voltage from overshoot as well as limiting the
input current. The controller’s over-current protection
monitors the output current by using the voltage drop
across the low-side MOSFET’s R
DS(ON), eliminating the
need of a current sensing resistor. Additional under
voltage and over v oltage protections monitor the
v oltage on FB pin for short-circuit and over-voltage
protections. The over-current protection cycles the
soft-start function until 4 over-current events are
counted.
Pulling and holding the voltage on OCSET pin below
0.15V with an open drain device shuts down the
controller.
Pinouts
1
2
3
4
8
7
6
5
PHASE
OCSET
FB
VCC
BOOT
UGATE
GND
LGATE
SOP-8
Motherboard
Graphics Card
High Current, up to 20A, DC-DC Converters


Similar Part No. - APW7120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120_08 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com