Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7075OC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7075OC-TR
Description  Step-Up Converter and LDO Combo
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7075OC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7075OC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 12Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 13Page - Anpec Electronics Coropration APW7075OC-TR Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2005
APW7075
www.anpec.com.tw
10
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Typical Characteristics (Cont.)
VIN=2.4V
VOUT=3.3V, L=10
µH
VIN=1.2V
Output Current(mA)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Output Current(mA)
Efficiency vs. Output Current
VOUT=2.5V, L=10
µH
VIN=1.2V
0
250
500
750
1000
1
1.5
2
2.5
3
3.5
4
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
Output Voltage(V)
Operating Curretnt into OUT vs. Output Voltage
FB=1.4V
Input Voltage(V)
Maximum Output Current vs.Input Voltage
VOUT=3.6V
VOUT=3.3V
VOUT=2.5V
VOUT=5V
L=22
µH


Similar Part No. - APW7075OC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
More results

Similar Description - APW7075OC-TR

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
   PFM Step-Up DC/DC Converter with LDO
logo
Eutech Microelectronics...
EUP2412 EUTECH-EUP2412 Datasheet
144Kb / 1P
   500kHz Synchronous Step-Up Converter with 600mA LDO
logo
STMicroelectronics
STOD03B STMICROELECTRONICS-STOD03B Datasheet
934Kb / 22P
   Step-up with LDO and inverter converters
December 2011 Rev 1
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com