Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7055DNC-TUL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7055DNC-TUL
Description  Advanced PWM and Linear Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7055DNC-TUL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7055DNC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APW7055DNC-TUL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright
 ANPEC Electronics Corp. Rev. A.
Rev.A.1 - Dec., 2001
APW7055
www.anpec.com.tw
10
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125
°C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121
°C
TST
MIL-STD-883D-1011.9
-65
°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , I
tr > 100mA
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Application
A
B
D0
D1
E
F
P0
P1
P2
6.95
5.4
1.55
±0.05 1.55±0.1 1.75±0.1 5.5±0.05
4.0
±0.1
8.0
±0.1
2.0
±0.05
T
T2
W
W1
C1
C2
T1
T2
C
SSOP-16
0.3
±0.05
2.2
12.0
±0.3
9.5
13
±0.3
21
±0.8
13.5
±0.5
2.0
±0.2
80
±1
(mm)


Similar Part No. - APW7055DNC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
APW7057KC-TR ANPEC-APW7057KC-TR Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057KC-TRG ANPEC-APW7057KC-TRG Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
APW7057KC-TRL ANPEC-APW7057KC-TRL Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results

Similar Description - APW7055DNC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com