Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7035BKC-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7035BKC-TUL
Description  Advanced PWM and Linear Power Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7035BKC-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7035BKC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7035BKC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - Jul., 2001
APW7035
www.anpec.com.tw
4
Electrical Characteristics Cont.
APW7035
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DAC and Bandgap Reference
V
DAC
DACOUT Voltage accuracy
-1.0
+1.0
%
V
BG
Bandgap Reference Voltage
1.265
V
Bandgap Reference Tolerance
-2.5
+2.5
%
Linear Regulators
Regulation
3
%
Output Drive Current
VAUX-V
DRIVE >0.6V
20
40
mA
Synchronous PWM Controller Error Amplifier
DC Gain
88
dB
GBWP Gain-Bandwidth Product
15
MHz
SR
Slew Rate
COMP=10pF
6
V/
µs
PWM Controller Gate Driver
I
UGATE
UGATE Source
V
CC=12V, VUGATE =6V
1
A
R
UGATE
UGATE Sink
V
UGATE1-PHASE =1V
3.5
I
LGATE
LGATE Source
V
CC=12V, VLGATE =1V
1
A
R
LGATE
LGATE Sink
V
LGATE= 1V
3
Protection
VSEN1 Over-Voltage
VSEN1 Rising
115
120
%
Protection
I
OCSET
OCSET Current Source
V
OCSET= 4.5VDC
170
200
230
µA
I
SS
Soft Start Current
28
µA
Power Good
VSEN1 Upper Threshold
VSEN1 Rising
109
%
VSEN1 Under Voltage
VSEN1 Rising
93
%
VSEN1 Hysteresis
Upper /Lower Threshold
2
%
V
PGOOD
PGOOD Voltage Low
I
PGOOD= -4mA
0.8
V
Functional Pin Description
(Recommended operating conditions , Unless otherwise noted) Refer to Block and Simplified Power System
Diagrams , and Typical Application Schematic.
VCC (Pin 1)
Provide a 12V bias supply for the IC to this pin. This
pin also provides the gate bias charge for all the
MOSFETs controlled by the IC. The voltage at this
pin is monitored for Power-On Reset (POR) purposes.
DRIVE (Pin 2)
Connect this pin to the gate of an external MOSFET.
This pin provides the drive for the FBVDDQ
regulator’s pass transistor.


Similar Part No. - APW7035BKC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TR ANPEC-APW703612KC-TR Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TRL ANPEC-APW703612KC-TRL Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TU ANPEC-APW703612KC-TU Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TUL ANPEC-APW703612KC-TUL Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
More results

Similar Description - APW7035BKC-TUL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com