Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7065KE-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7065KE-TU
Description  Synchronous Buck PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065KE-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7065KE-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7065KE-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2006
APW7065
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Synchronous Buck PWM Controller
Single 12V Power Supply Required
Fast Transient Response
- 0~90% Duty Ratio
0.8V Reference with 1% Accuracy
Shutdown Function by Controlling
COMP Pin Voltage
Internal Soft-Start (3.4ms) Function
Voltage Mode PWM Control Design
Under-Voltage Protection
Over-Current Protection
- Sense Low Side MOSFET’s R
DS(ON)
300KHz Fixed Switching Frequency
SOP-8 Package
Lead Free Available (RoHS Compliant)
Features
Applications
General Description
The APW7065 uses fixed 300KHz switching frequency,
voltage mode, synchronous PWM controller which
drives dual N-channel MOSFETs. Thedevice integrates
the control, monitoring and protection functions into a
single package, provides one controlled power output
with under-voltage and over-current protections.
The APW7065 provides excellent regulation for output
load variation. The internal 0.8V temperature-
compensated reference voltage is designed to meet
the requirement of low output voltage applications. An
built-in digital soft-start with fixed soft-start interval
prevents the output voltage from overshoot as well as
limiting the input current.
The APW7065 with excellent protection functions:
POR, OCP and UVP. The Power-On Reset (POR)
circuit can monitor VCC supply voltage exceeds its
threshold voltage while the controller is running, and a
built-in digital soft-start provides output with controlled
voltage rise. The Over-Current Protection (OCP)
monitors the output current by using the voltage drop
across the lower MOSFET’s R
DS(ON), comparing with
internal V
OCP (0.27V), when the output current reaches
the trip point, the controller will run the soft-start
function until the fault events are removed. The Under-
Voltage Protection (UVP) monitors the voltage of FB
pin for short-circuit protection, when the V
FB is less
than 50% of V
REF (0.4V), the controller will shutdown
the IC directly.
Pinouts
SOP-8
Graphics Card
Mother Board
1
2
3
4
8
7
6
5
PHASE
COMP
FB
VCC
BOOT
UGATE
GND
LGATE


Similar Part No. - APW7065KE-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7065KE-TRG ANPEC-APW7065KE-TRG Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7065KE-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com