Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7063KC-TR Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7063KC-TR
Description  Synchronous Buck PWM and Linear Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063KC-TR Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7063KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 12Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 13Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 14Page - Anpec Electronics Coropration APW7063KC-TR Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.7 - Nov., 2005
APW7063
www.anpec.com.tw
11
1
10
100
1000
10000
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
Typical Characteristics (Cont.)
LGATE Voltage (V)
LGATE Sink Current vs. LGATE Voltage
Time (5us/div)
Switching Frequency (kHz)
Switching Frequence vs. RT Resistance
Over Current Protection
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
LGATE Source Current vs. LGATE Voltage
LGATE Voltage (V)
VCC=12V
VCC=12V
IL(10A/div)
SS(5V/div)
UGATE(20V/div)
VOUT1(2V/div)
RT pull up to 12V
RT pull down to GND
VCC=12V,VIN=12V, VOUT=2.5V, ROCSET=1kW
RDS(ON)=16mW, L=2.2mH, IOUT=15A


Similar Part No. - APW7063KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063KC-TRG ANPEC-APW7063KC-TRG Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
More results

Similar Description - APW7063KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com