Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7035DKC-TR Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7035DKC-TR
Description  Advanced PWM and Linear Power Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7035DKC-TR Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7035DKC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW7035DKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - Jul., 2001
APW7035
www.anpec.com.tw
5
Functional Pin Description cont.
NC (Pin 3, Pin 4 and Pin 5)
No Connect. (APW7035-12,19)
PGOOD (Pin 5)
PGOOD is an open drain output used to indicate the
status of the output voltages. This pin is pulled low
when the synchronous regulator output is not within
±10% of the DAC reference voltage or Linear regula-
tor outputs are below under-voltage thresholds.
(APW7035-A,B,C,D)
VID2 , VID1 , VID0 (Pin 3,4 and 5)
VID0-2 are the TTL-compatible input pins to the 3-bit
DAC. The logic states of these three pins program
the internal voltage reference (DAC). The level of DAC
sets the microprocessor core converter output volt-
age , as well as the corresponding PGOOD and OVP
thresholds. (APW7035-A,B,C,D)
SD (Pin 6)
The pin shuts down all the outputs. A TLL-compatible
, logic lebel high signal applied at this pin immedi-
ately discharges the soft-start capacitor , disbling all
the output.
VSEN2 (Pin 7)
Connect this pin to a resistor divider to set the linear
regulator (FBVDDQ) output voltage.
SS (Pin 8)
Connect a capacitor from this pin to ground. This
capacitor , along with an internal 28
µA current source
, sets the soft-start interval of the converter.
NC (Pin 9 and Pin12)
No Connection.
VAUX (Pin 10)
This pin provides boost current for the linear regulator’s
output drives in the event bipolar NPN transistors
(instead of N-channel MOSFETs) are employed as
pass elements. The voltage at this pin is monitored
for power-on reset purposes.
GND (Pin 11)
Signal ground for the IC. All voltage levels are mea-
sured with respect to this pin.
FB and COMP (Pin 13, and 14)
COMP and FB are the available external pins of the
PWM converter error amplifier. The FB pin is the
inverting input of the error amplifier. Similarly , the
COMP pin is the error amplifier output. These pins
are used to compensate the voltage-mode control
feedback loop of the synchronous PWM converter.
VSEN1 (Pin 15)
This pin is connected to the PWM converter’s output
voltage. The PGOOD and OVP comparator circuits
use this signal to report output voltage status and for
over- voltage protection.
OCSET (Pin 16)
Connect a resistor from this pin to the drain of the
respective upper MOSFET. This resistor , an inter-
nal 200
µA current source , and the upper MOSFET’s
on-resistance set the converter over-current trip point.
An over-current trip cycles the soft-start function. The
voltage at this pin is monitored for power-on reset
(POR) purposes and pulling this pin low with an open
drain device will shutdown the IC.
PGND (Pin 17)
This is the power ground connection. Tie the syn-
chronous PWM converter’s lower MOSFET source
to this pin.
LGATE (Pin 18)
Connect LGATE to the PWM converter’s lower
MOSFET gate. This pin provides the gate drive for
the lower MOSFET.


Similar Part No. - APW7035DKC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TR ANPEC-APW703612KC-TR Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TRL ANPEC-APW703612KC-TRL Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TU ANPEC-APW703612KC-TU Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TUL ANPEC-APW703612KC-TUL Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
More results

Similar Description - APW7035DKC-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com