Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5309-26DC Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5309-26DC
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5309-26DC Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5309-26DC Datasheet HTML 1Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5309-26DC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Low I
Q, Low Dropout 300mA Fixed Voltage Regulator
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
SOT-23 (Top View)
APL5309
GN D
12
3
V OUT
V IN
APL5309
SOT-89 (Top View)
GN D
V IN
V OUT
12
3
TA B is G N D
Features
The APL5308/9 series are micropower, low dropout
linear regulators, which operate from 2.7V to 6V in-
put voltage and deliver up to 300mA. Typical dropout
voltage is only 400mV at 300mA loading. Designed
for use in battery-powered system, the low 60
µA qui-
escent current makes it an ideal choice. Design with
an internal P-channel MOSFET pass transistor, the
APL5308/9 maintain a low supply current, indepen-
dent of the load current and dropout voltage. Other
features include thermal-shutdown protection current
limit protection to ensure specified output current and
controlled short-circuit current. The APL5308/9 regu-
lators come in a miniature SOT-23, SOT-23-5 and
SOT-89 packages.
Applications
5V to 3.3~4.5V Linear Regulators
3.3V to 1.5~2.5V Linear Regulators
CD-ROM, CD-R/W and DVD Player
Networking System, LAN Card, ADSL/Cable
Modem, Cable Set-Top Box
PC Peripherals
•••••
Low Quiescent Current : 60
µA (No load)
•••••
Low Dropout Voltage : 400mV (@300mA)
•••••
Fixed Output Voltage : 1.5V ~ 4.5V
by step 0.1V increment
•••••
Stable with 1uF Output Capacitor
•••••
Stable with Aluminum, Tantalum or Ceramic
Capacitors .
•••••
No Protection Diodes Needed
•••••
Built in Thermal Protection
•••••
Built in Current Limit Protection
•••••
Controlled Short Circuit Current : 50mA
•••••
Fast Transient Response
•••••
Short Setting Time
•••••
SOT-23 ,SOT-23-5 and SOT-89 Packages
Pin Configuration
SOT-23 (Top View)
GN D
12
3
V OUT
V IN
APL5308
General Description
V IN GND
V OUT
NC
NC
12
3
4
5
SOT-23-5 (Top View)
APL5309
APL5308
SOT-89 (Top View)
GN D
V IN
V OUT
12
3
TA B is V IN
V IN
GND
V OUT
NC
NC
12
3
4
5
SOT-23-5 (Top View)
APL5308


Similar Part No. - APL5309-26DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5309-26A ANPEC-APL5309-26A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5309-26B ANPEC-APL5309-26B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5309-26DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com