Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW703615KC-TR Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW703615KC-TR
Description  Advanced Dual PWM Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW703615KC-TR Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW703615KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW703615KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.1 - May, 2001
APW7036
www.anpec.com.tw
4
Electrical Characteristics Cont.
Functional Pin Description
UGATE (Pin 1)
Connect UGATE pin to the synchronous PWM
converter’s upper MOSFET gate. This pin provides
the gate drive for the upper MOSFET.
VCC (Pin 2)
Provide a 12V bias supply for the IC to this pin. This
pin also provides the gate bias charge for all the
MOSFETs controlled by the IC. The voltage at this
pin is monitored for Power-On Reset purposes.
GATE (Pin 3)
Connect GATE pin to the standard BUCK PWM
converter’s MOSFET gate. This pin provides the gate
drive for the MOSFET.
PHASE2 (Pin 4)
Connect the PHASE2 pin to the standard BUCK PWM
converter’s MOSFET source. This pin is used to moni-
tor the voltage drop across the MOSFET for over-cur-
rent protection.
PGOOD (Pin 5)
PGOOD is an open collector output used to indicate
the status of the output voltages. This pin is pulled
low when the synchronous regulator output is not within
10% of the reference voltage or the other output is
below under-voltage thresholds.
NC (Pin 10, 13)
No Connection.
OCSET1 , 2 (Pin 17 , 6)
Connect a resistor (R
OCSET ) from this pin to the drain
of the PWM converter’s MOSFET. R
OCSET , an internal
200
µA current source (I
OCSET ) , and the MOSFET’s
on-resistance(r
DS(ON)) set the converter over-current
APW7036
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM Controllers Gate Drivers
I
LGATE
LGATE Source
V
CC=12V, VLGATE=1V
1
A
R
LGATE
LGATE Sink
V
LGATE= 1V
3
Protection
VSEN Over-Voltage (VSEN/V
REF)
VSEN Rising
115
120
%
I
OVP
FAULT Souring Current
V
FAULT/RT=2.0V
8.5
mA
I
OCSET
OCSET1,2 Current Source
V
OCSET= 4.5VDC
170
200
230
µA
I
SS
Soft Start Current
28
µA
Power Good
VSEN Upper Threshold
(VSEN/
V
REF)
VSEN1 Rising
110
%
VSEN Under Voltage (VSEN/V
REF) VSEN1 Rising
94
%
VSEN Hysteresis
(VSEN/
V
REF)
Upper /Lower Threshold
2
%
V
PGOOD
PGOOD Voltage Low
I
PGOOD= -4mA
0.8
V


Similar Part No. - APW703615KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7035 ANPEC-APW7035 Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TR ANPEC-APW703512KC-TR Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TRL ANPEC-APW703512KC-TRL Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TU ANPEC-APW703512KC-TU Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TUL ANPEC-APW703512KC-TUL Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
More results

Similar Description - APW703615KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com