Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP20C-05S3V3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIP20C-05S3V3
Description  DC/DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIP20C-05S3V3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIP20C-05S3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIP20C-05S3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
9-20W Non-isolated DC/DC Regulators
1
2 YEAR WARRANTY
SIP20C Series
Single output
Updated version of SIP20
Best-of-class wide output trim range
Industry standard footprint
High power density (60W/in3)
High Efficiency 90%
Fixed frequency (500kHz)
Remote ON/OFF
Undervoltage lockout (UVLO)
Remote sense option
The SIP20C series are non-isolated DC/DC converters packaged in a single-in-line
footprint (2.5 x 0.55 x 0.23 inches) giving designers a cost effective solution for conversion
of 5VDC to 3.3VDC and lower voltages. The SIP20C offers a best-of-class wide output trim
range which allows maximum design flexibility and a pathway for future upgrades. For
example, the 1.5V model can be trimmed as low as 1V. Local voltage conversion by the
SIP20C from existing 5V system voltages eliminates the need for redesign of existing
power architectures when voltage requirements change. The SIP20C is designed for
applications that include distributed power, workstations, computers and file servers.
Implementing state of the art surface mount technology and automated manufacturing
techniques, the SIP20C offers compact size and efficiencies of 90%. The SIP20C is an
updated version of the original SIP20 and is fully compatible with the original model.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS (4)
Radiated emissions
EN55022/11, FCC part 15
Level A
Electrostatic discharge
EN61000-4-2, IEC801-2
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Non-isolated
Switching frequency
Fixed
500kHz typ.
Approvals and
VDE0805, EN60950, IEC950
standards (See Note 7)
UL1950, CSA C22.2 No. 950
Material flammability
UL94V-0
Dimensions
(LxWxH)
63.5 x 13.97 x 5.84 mm
2.5 x 0.55 x 0.23 inches
Pin length
0.135 ±0.02 inches (3.43 ±0.5mm)
Weight
5g (0.18oz)
MTBF
MIL-HDBK-217F
>1,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
See curve
convection cooled
Operating ambient,
-25°C to +85°C
300LFM forced air
See Curve
Non-operating
-55°C to +100°C
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms (approx.)
OUTPUT SPECIFICATIONS
Voltage adjustability
S3V3
60% to 115%
S2V5
60% to 110%
S1V5
87% to 130%
Set point accuracy
(See Note 1)
±2.7%
Line regulation
Vin = 4.5V to 5.5V
±0.3%
Load regulation
Io = 0A to 6A
±0.3%
Minimum load
0A
Overshoot/undershoot
None
Ripple and noise
0 to 20MHz BW
100mV pk-pk,
(See Note 8)
30mV rms max.
Temperature coefficient
±0.01%/°C
Transient response
±2.0% max. deviation
(See Note 2)
300µs recovery
to within ±1.0%
Remote sense
(See Note 6)
0.5VDC compensation
INPUT SPECIFICATIONS
Input voltage range
4.5 to 5.5VDC
Input current
No load
150mA
Input current
@ Io max. and
5.3A max.
Vin = 0 to 5.5V
Input reflected ripple
(See Note 3)
200mA
Remote ON/OFF
(See Note 5)
Start-up time
1.0ms
External capacitor
(See Note 4)
100µF
SPECIFICATIONS
International Safety Standard Approvals
VDE0805/EN60950/IEC950 pending
UL1950
CSA 22.2 No. 950 pending
File Name: SIP20C.PDF Rev: 31 OCT 2000


Similar Part No. - SIP20C-05S3V3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIP20C-05S3V3J EMERSON-NETWORKPOWER-SIP20C-05S3V3J Datasheet
92Kb / 2P
   DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
More results

Similar Description - SIP20C-05S3V3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com