Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5101-35DI Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5101-35DI
Description  150mA, 4uA Quiescent Current Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-35DI Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5101-35DI Datasheet HTML 1Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 2Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 3Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 4Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 5Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 6Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-35DI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise noted these specificatons apply over full temperature, VIN = 5V, CIN = COUT = 1
µF,
TA = -40 to 85
°C. Typical values refer to TA= 25°C.
Note: Dropout voltage definition:VIN-VOUT when VOUT is 2% below the value of VOUT for VIN= VOUT+1V.
APL5101/2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2
6
V
Output Voltage Accuracy
VIN = 5V
-2
2
%
VOUT
Output Voltage Range
1.2
3.5
V
ILIMIT
Current Limit
VIN = 5V
250
300
370
mA
IOUT = 0mA
4
7
Quiescent Current
IOUT = 150mA
4
10
IQ
Shutdown Supply Current
VSHDN = High
0.1
1
µA
IOUT
Load Current
150
mA
REGLINE Line Regulation
VOUT + 0.5V<VIN<6V,
IOUT = 10mA
2
10
mV
REGLOAD Load Regulation
VIN = 5V, 0Ma<IOUT<IMAX
15
30
mV
VOUT = 1.4V, IOUT = 150mA
1000
1300
VOUT = 1.8V, IOUT = 150mA
600
900
VDROP
Dropout Voltage
(NOTE)
VOUT = 3.3V, IOUT = 150mA
200
300
mV
PSRR Ripple Rejection
F = 1kHz, COUT = 1
µF,
IOUT = 10mA
30
40
dB
ISHORT
Short Circuit Current
VOUT = 0V
40
50
60
mA
en
Noise
F = 22Hz to 80kHz,
COUT = 1
µF, IOUT = 10mA
200
250
µVRMS
ISHDN
Shutdown Input Bias Current VSHDN = Low
0.1
1
µA
High Threshold Voltage
1.6
VIN+0.3
V
VSHDN
Low Threshold Voltage
-0.3
0.4
V
TEXIT
Shutdown Exit Delay
VOUT = 90%, RLOAD = 25
1.5
2
2.5
mS
Over Temperature Shutdown
120
135
°C
OTS
Over Temperature Shutdown
Hysteresis
10
20
30
°C
TC
Output Voltage Temperature
Coefficient
TA = -40°C ~ 100°C
100
200
ppm/°C
Output Capacitor
1
10
µ F
COUT
ESR
10
1000
m


Similar Part No. - APL5101-35DI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101-35DI-TRG ANPEC-APL5101-35DI-TRG Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
APL5101-35DI-TRL ANPEC-APL5101-35DI-TRL Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
More results

Similar Description - APL5101-35DI

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101_13 Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com