Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW1173KAI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW1173KAI-TRL
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1173KAI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW1173KAI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW1173KAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2005
APW1173
www.anpec.com.tw
5
APW1173
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Reference Section
IREF = 0mA
3.234
3.3
3.366
V
VREF
VREF Output Voltage
IREF = 0mA to 5mA,VCC = 4.4A to
22V
*
3.2
3.3
3.399
V
Line Regulation
IREF = 0mA,VCC = 4.4A to 22V
5
10
mV
Load Regulation
IREF = 0mA to 5mA
8
15
mV
Short Circuit Current
10
18
30
mA
Other
Thermal Limiting Protection
160
°C
Hysteresis
30
°C
Over-Voltage Protection
Threshold Voltage
VCOMP = 0.8V
*
120
125
130
%
Electrical Characteristics (Cont.)
Typical Application Circuit
L
22uH
D1
1N5819
VIN
4.8V to 22V
CIN
22uF
VOUT = 3.3V
RF1
5.6K
RF2
3.3K
COUT
100uF
VREF = 3.3V
RC1
4.3K
CC1
2.2nF
CC2
220pF
APW1173
OUT
1
2
3
4
7
8
6
5
SYNC
INH
COMP
GND
VCC
FB
VREF
D2
1N4148
C1
1uF
R1
137K
Soft Start
Circuit
The * denotes the specifications that apply over TA = -40 ~ 85oC. Typical values are at TA = 25oC.
VCC = 12V unless otherwise specified.


Similar Part No. - APW1173KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TR ANPEC-APW1172KAC-TR Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TRL ANPEC-APW1172KAC-TRL Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TU ANPEC-APW1172KAC-TU Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TUL ANPEC-APW1172KAC-TUL Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
More results

Similar Description - APW1173KAI-TRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
   2A Step-Down Switch-Mode Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
   2A switch step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com