Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7015KC-TU Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7015KC-TU
Description  Advanced PWM and Dual Linear Power Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7015KC-TU Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APW7015KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW7015KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW7015KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7015KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7015KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7015KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. P.1 - Mar., 2000
APW7015
www.anpec.com.tw
6
UGATE (Pin 24)
Connect UGATE pin to the PWM converter’s upper
MOSFET gate. This pin provides the gate drive for
the upper MOSFET.
Functional Pin Description (Cont.)
Table 1 Output Voltage Program
Pin Name
Nominal OUT1
Voltage DACOUT
VID2
VID1
VID0
11
1
1.3
11
0
1.35
10
1
1.4
10
0
1.45
01
1
1.5
01
0
1.55
00
1
1.6
00
0
1.65
Note : 0 = connected to GND or Vss, 1 = open or
connected to 5V through pull-high resistors.
Customer Service
Typical Characteristics
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao
Rd.,
Hsin Tien City, Taipei Hsien,
Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Linear
Controller
Linear
Controller
PWM1
Controller
APW7015
+5V
IN
Q1
Q2
V
OUT3
Q3
V
OUT2
+3.3V
IN
Q4
V
OUT1


Similar Part No. - APW7015KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016KC-TR ANPEC-APW7016KC-TR Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016KC-TU ANPEC-APW7016KC-TU Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016NC-TR ANPEC-APW7016NC-TR Datasheet
114Kb / 11P
   Advanced PWM Power Controller
APW7016NC-TU ANPEC-APW7016NC-TU Datasheet
114Kb / 11P
   Advanced PWM Power Controller
More results

Similar Description - APW7015KC-TU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
FN4496 INTERSIL-FN4496 Datasheet
323Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com