Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW6021A Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW6021A
Description  Advanced PWM and Triple Linear Power Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021A Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW6021A Datasheet HTML 1Page - Anpec Electronics Coropration APW6021A Datasheet HTML 2Page - Anpec Electronics Coropration APW6021A Datasheet HTML 3Page - Anpec Electronics Coropration APW6021A Datasheet HTML 4Page - Anpec Electronics Coropration APW6021A Datasheet HTML 5Page - Anpec Electronics Coropration APW6021A Datasheet HTML 6Page - Anpec Electronics Coropration APW6021A Datasheet HTML 7Page - Anpec Electronics Coropration APW6021A Datasheet HTML 8Page - Anpec Electronics Coropration APW6021A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.1 - Mar., 2001
APW6021A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Advanced PWM and Triple Linear Power Controllers
General Description
Applications
••••• Motherboard Power Regulation for Computers
Functional
The APW6021A provides the power control and pro-
tection for four output voltages in high-performance,
graphics intensive microprocessor and computer
applications. The IC integrates voltage-mode PWM
controller and three linear controllers, as well as the
monitoring and protection functions into a 28-pin SOIC
package. The synchronous-rectified buck converter
includes an Intel-compatible , TTL 5-input digital-to-
analog converter (DAC)that adjusts the core PWM
output voltage from 1.3V
DC to 2.05VDC in 0.05V steps
and from 2.1V
DC to 3.5VDC in 0.1V increments.
the
precision reference and voltage-mode control provide
±1% static regulation. A TTL-compatible signal ap-
plied to the SELECT pin dictates which method of
control is used for the AGP bus power : a low state
results in linear control of the AGP bus to 1.5V , while
a high state transitions the output through a linearly
controlled softstart to 3.3V , followed by full enhance-
ment of the external MOSFET to pass the input
voltage. The other two linear regulators provide fixed
output voltages of 1.5V GTL bus power and 1.8V
power for the North/South Bridge core and/or cache
memory. These levels are user-adjustable by means
of an external resistor divider and pulling the FIX pin
low. All linear controllers can employ either N-Chan-
nel MOSFETs or bipolar NPNs for the pass transistor.
The APW6021A monitors all the output voltages. A
single Power Good signal is issued when the core is
within
±10% of the DAC setting and all other outputs
are above their under-voltage levels. Additional built-
in over-voltage protection for the core output uses
the lower MOSFET to prevent output voltages above
115
% of the DAC setting. The PWM controller’s over-
current function monitors the output current by using
the voltage drop across the upper MOSFET’s r
DS(ON) .
••••• 4 Regulated Voltages are provided
••••• Microprocessor Core (1.3V to 3.5V)
••••• AGP Bus (1.5V or 3.3V)
••••• Memory (1.8V) / GTL Bus (1.5V)
••••• Linear Controllers Drives with both MOSFET
and Bipolar Series Pass Transistors
••••• Fixed or Externally Resistor-Adjustable Linear
Outputs (FIX Pin)
••••• Voltage-Mode PWM Control
••••• Fast PWM Converter Transient Response
••••• High-Bandwidth Error Amplifier
••••• Full 0% to 100% Duty Ratio
••••• Excellent Output Voltage Regulation
••••• Core PWM Output: ± 1% Over Temperature
••••• Other Outputs: ± 3% Over Temperature
••••• TTL-Compatible 5- Bit DAC Microprocessor
Core Output Voltage Selection
••••• Shutdown Feature Removed When All Inputs
High
••••• Wide Range - 1.3V
DC to 3.5 VDC
••••• Power-Good Output Voltage Monitor
••••• Over-Voltage and Over-Current Fault Monitors
••••• Switching Regulator Does Not Require
Extra Current Sensing Element, Uses Upper
MOSFET’s r
DS(ON)
••••• Small Converter Size
••••• Constant Frequency Operation
••••• 200kHz Free-Running Oscillator; Program-
mable From 50kHz to Over 1MHz


Similar Part No. - APW6021A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021KC-TR ANPEC-APW6021KC-TR Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021KC-TRL ANPEC-APW6021KC-TRL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021KC-TU ANPEC-APW6021KC-TU Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021KC-TUL ANPEC-APW6021KC-TUL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
More results

Similar Description - APW6021A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Anpec Electronics Corop...
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com