Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW1173KAC-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW1173KAC-TUL
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1173KAC-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW1173KAC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW1173KAC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2005
APW1173
www.anpec.com.tw
4
APW1173
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Dynamic Characteristics
1.22
1.235
1.25
VFB
Voltage feedback
APW1173
4.8V < VCC < 22V, 20mA < IO <2A
* 1.198 1.235 1.272
V
η
Efficiency
VO = 5V, VCC = 12V, IOUT = 1A
82
%
DC Characteristics
Iqop
Total Operating Quiescent Current
*
12
mA
Iq
Quiescent Current
Duty Cycle = 0; VFB = 1.5V
10
mA
VINH > 2.2V
*
50
100
µA
Iqst-by Total Stand-by Quiescent Current
VCC = 22V; VINH > 2.2V
*
80
150
µA
Inhibit
Device ON
1.1
1.3
1.5
V
VINH
INH Threshold Voltage
Device OFF
1.2
1.4
1.6
V
INH Pull-Up Current
VINH < 3V
1
µA
Maximum INH Voltage
IINH = 0A
4.3
V
Error Amplifier
VOH
High Level Output Voltage
VFB = 1V
3.5
3.8
V
VOL
Low Level Output Voltage
VFB = 1.5V
0.4
V
IO source Source Output Current
VCOMP = 1.9V; VFB = 1V
200
300
µA
IO sink Sink Output Current
VCOMP = 1.9V; VFB = 1.5V
1
1.5
mA
IFB
Source Bias Current
VFB = 1.5V
2.5
4
µA
Maximum FB Voltage
IFB = 0
µA
2.1
V
gm
Trans-conductance
VFB = 1.255V to 1.215V, ICOMP =
-0.1mA to 0.1mA VCOMP = 1.9V
2.3
mA/V
SYNC Function
High Input Voltage
VCC = 4.8 to 22V
2.5
VREF
V
Low Input Voltage
VCC = 4.8V to 22V
0.74
V
VSYNC = 0.74V
0.11
0.25
Slave Sink Current
VSYNC = 2.33V
0.21
0.45
mA
Master Output Amplitude
ISOURCE = 3mA
2.75
3
V
Output Pulse Width
No load, VSYNC =1.65V
0.2
0.35
µs
Electrical Characteristics (Cont.)
The * denotes the specifications that apply over TA = -40 ~ 85oC. Typical values are at TA = 25oC.
VCC = 12V unless otherwise specified.


Similar Part No. - APW1173KAC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TR ANPEC-APW1172KAC-TR Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TRL ANPEC-APW1172KAC-TRL Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TU ANPEC-APW1172KAC-TU Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
APW1172KAC-TUL ANPEC-APW1172KAC-TUL Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
More results

Similar Description - APW1173KAC-TUL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
   2A Step-Down Switch-Mode Regulator
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
   2A switch step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com