Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW1172KAI-TUL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW1172KAI-TUL
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172KAI-TUL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW1172KAI-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW1172KAI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
5
APW1172
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Reference Section
IREF = 0mA
3.234
3.3
3.366
V
VREF
VREF Output Voltage
IREF = 0mA to 5mA, VCC = 4.4A to
22V
*
3.2
3.3
3.399
V
Line Regulation
IREF = 0mA, VCC = 4.4A to 22V
5
10
mV
Load Regulation
IREF = 0mA to 5mA
8
15
mV
Short Circuit Current
10
18
30
mA
Other
Thermal Limiting Protection
160
°C
Hysteresis
30
°C
Over-Voltage Protection
Threshold Voltage
VCOMP = 0.8V
*
120
125
130
%
Electrical Characteristics (Cont.)
Typical Application Circuit
L
22uH
D1
1N5819
VIN
4.8V to 22V
CIN
22uF
VOUT = 3.3V
RF1
5.6K
RF2
3.3K
COUT
100uF
VREF = 3.3V
RC1
4.3K
CC1
2.2nF
CC2
220pF
APW1172
OUT
1
2
3
4
7
8
6
5
SYNC
INH
COMP
GND
VCC
FB
VREF
D2
1N4148
C1
1uF
R1
137K
Soft Start
Circuit
The * denotes the specifications that apply over TA = -40 ~ 85oC. Typical values are at TA = 25oC.
VCC = 12V unless otherwise specified.


Similar Part No. - APW1172KAI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TR ANPEC-APW1173KAC-TR Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TRL ANPEC-APW1173KAC-TRL Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TU ANPEC-APW1173KAC-TU Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TUL ANPEC-APW1173KAC-TUL Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
More results

Similar Description - APW1172KAI-TUL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
   2.5A switch step down switching regulator for automotive applications
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
[Old version datasheet]   LM25005 42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com