Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW6021KC-TU Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW6021KC-TU
Description  Advanced PWM and Triple Linear Power Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021KC-TU Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW6021KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APW6021KC-TU Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
6
Functional Pin Description Cont.
VID4, VID3, VID2, VID1, VID0 (Pins 3, 4, 5, 6 and 7)
VID0-4 are the TTL-compatible input pins to the 5-bit
DAC. The logic states of these five pins program the
internal voltage reference (DACOUT). The level of
DACOUT sets the microprocessor core converter
output voltage, as well as the corresponding PGOOD
and OVP thresholds.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate
the status of the output voltages. This pin is pulled
low when the synchronous regulator output is not
within
±10% of the DACOUT reference voltage or
when any of the other outputs are below their under-
voltage thresholds.
The PGOOD output is open for“11111” VID code.
SD (Pin 9)
This pin shuts down all the outputs. A TTL-
compatible, logic level high signal applied at this
pin immediately discharges the soft-start capacitor,
disabling all the outputs. Dedicated internal circuitry
insures the core output voltage does not go negative
during this process. When re-enabled, the IC under-
goes a new soft-start cycle. Left open, this pin is pulled
low by an internal pull-down resistor, enabling
operation.
VSEN2 (Pin 10)
Connect this pin to the output of the AGP linear
regulator. The voltage at this pin is regulated to the
level predetermined by the logic-level status of the
SELECT pin. This pin is also monitored for under-
voltage events.
SELECT (Pin 11)
This pin determines the output voltage of the AGP
bus linear regulator. A low TTL input sets the output
voltage to 1.5V, while a high input sets the output
voltage to 3.3V.
SS (Pin 12)
Connect a capacitor from this pin to ground. This
capacitor, along with an internal 28
µA current source,
sets the soft-start interval of the converter.
FAULT / RT (Pin 13)
This pin provides oscillator switching frequency
adjustment. By placing a resistor (R
T) from this pin to
GND, the nominal 200kHz switching frequency is in-
creased according to the following equation:
Fs =200kHz + 5
× 10 6 / R
T (kΩ)
(R
T to GND)
Conversely, connecting a resistor from this pin to VCC
reduces the switching frequency according to the fol-
lowing equation:
Fs =200kHz + 4
× 10 7 / R
T (kΩ)
(R
T to 12V)
Nominally, the voltage at this pin is 1.26V. In the event
of an over-voltage or over-current condition, this pin
is internally pulled to VCC.
VSEN4 (Pin 14)
Connect this pin to the output of the linear 1.8V
regulator. This pin is monitored for undervoltage
events.
DRIVE4 (Pin 15)
Connect this pin to the gate of an external MOSFET.
This pin provides the drive for the 1.8V regulator’s
pass transistor.
VAUX (Pin 16)
This pin provides boost current for the linear regula-
tors’ output drives in the event bipolar NPN transis-
tors (instead of N-channel MOSFETs) are employed
as pass elements. The voltage at this pin is moni-
tored for power-on reset (POR) purposes.
GND (Pin 17)
Signal ground for the IC. All voltage levels are mea-
sured with respect to this pin.


Similar Part No. - APW6021KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TR ANPEC-APW6021AKC-TR Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TRL ANPEC-APW6021AKC-TRL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TU ANPEC-APW6021AKC-TU Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TUL ANPEC-APW6021AKC-TUL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
More results

Similar Description - APW6021KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Anpec Electronics Corop...
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com