Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APU0065Y-TY Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APU0065Y-TY
Description  40 CH Driver for Dot Matrix LCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APU0065Y-TY Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APU0065Y-TY Datasheet HTML 1Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 2Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 3Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 4Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 5Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 6Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 7Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 8Page - Anpec Electronics Coropration APU0065Y-TY Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
40 CH Driver for Dot Matrix LCD
Copyright  ANPEC Electronics Corp.
Rev. A.07 - FEB., 2002
APU0065
www.anpec.com.tw
1
PRELIMINARY
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
FEATURES
GENERAL DESCRIPTION
The APU0065 is a LCD driver LSI that is fabricated
by low power CMOS technology. Basically this LSI
consists of 20
× 2bit bi-directional shift register, 20 ×
2bit data latch and 20
× 2bit driver. This LSI can be
CMOS Process used a Common or Segment driver.
APPLICATIONS
••••• Dot matrix LCD driver with 40 channel
output.
•••••
Selectable function to use Common / Segment
drivers simultaneously.
•••••
Input / Output signal
••••• Output ; 20 × 2 channel waveform for LCD
driving
•••••
Input ; - Serial display data and control pulse
from the controller LSI .
•••••
Bias voltage (V
1 - V6)
••••• QFP64 and bare chip available
ORDERING INFORMATION
Driver (cascade connection)
Controller
Other APU0065
APU0066
•••••
Display driving bias ; static-1/5
•••••
Power supply voltage ; V
DD= +5V ± 10%
V
DD= +3V ± 10%
•••••
Supply voltage range for display :
≤ 10V
•••••
Negative display voltage :
0
≥ V
EE ≥ VDD - 10V
•••••
Interface
APU0065
Package Type
Handling Code
Package Type
Q : QFP
Y : Chip
Handling Code
TY : Tray
E


Similar Part No. - APU0065Y-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
   80CH DRIVER FOR DOT MATRIX LCD
APU0063QETY ANPEC-APU0063QETY Datasheet
113Kb / 11P
   80CH DRIVER FOR DOT MATRIX LCD
APU0063YETY ANPEC-APU0063YETY Datasheet
113Kb / 11P
   80CH DRIVER FOR DOT MATRIX LCD
More results

Similar Description - APU0065Y-TY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
KS0105 SAMSUNG-KS0105 Datasheet
101Kb / 8P
   32 CH COMMON DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
   40 Dot Matrix LCD Segment Driver
logo
List of Unclassifed Man...
NT3882 ETC-NT3882 Datasheet
227Kb / 9P
   Dot Matrix LCD 40-Channel Driver
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
   80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com