Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5501-24DC Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5501-24DC
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5501-24DC Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5501-24DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 9Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 10Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 11Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 12Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 13Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 14Page - Anpec Electronics Coropration APL5501-24DC Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
11
end-of-life battery voltage. Because the APL5501/2/3
use a p-channel MOSFET pass transistor, the drop-
out voltage is a function of drain-to-source on-resis-
tance (R
DS(ON)) multiplied by the load current.
The APL5501/2/3 load-transient response graphs in
typical characteristics show the transient response.
A step change in the load current from 0mA to 500mA
at 1us will cause a 100mV transient spike. Larger
output capacitor and lower ESR can reduce transient
spike.
Application Information
Capacitor Selection and Regulator
Stability
The APL5501/2/3 use at least a 1uF capacitor on the
input, and this capacitor can be Aluminum, Tantalum
or Ceramic capacitor. The input capacitor with larger
value and lower ESR provides better PSRR and line-
transient response. The output capacitor also can use
Aluminum, Tantalum or Ceramic capacitor, and a mini-
m um v alue of 1uF and ESR abov e 0.06
Ω is
recommended. The curve of the stable region in typi-
cal characteristics shows the appropriate output ca-
pacitor ESR for different load current stable operation.
A larger output capacitor can reduce noise and im-
prove load-transient response, stability, and PSRR.
Note that some ceramic dielectrics exhibit large ca-
pacitance and ESR variation with temperature. When
using this capacitor, a minimum 10uF or more may
be required to ensure the stability at low temperature
operation. Use a bypass capacitor at BP pin for low
output nvise. Increasing the capacitance will slightly
decrease the output noise, but increase the start-up
time.
Load-Transient Considerations
Reverse Current Protection
The APL5501/2/3 have an internal reverse protection,
it does not need an external schottky diode to con-
nect the regulator input and output. If the output volt-
age is forced above the input voltage by more than
11mV, the IC will be shutdown and the ground pin
current is below 0.1uA.
Current Limit
The APL5501/2/3 have a current limit protection. The
ouptut voltage will drop close to zero volt, when load
current reaches the limit, and then the load current
will be limited at 150mA after output voltage is below
0.7V. When the load current back to the value where
limiting started, the output voltage and current will re-
turn to normal value. When output is shorted to
ground, the APL5501/2/3 will keep short circuit cur-
rent at 150mA .
Input-Output (Dropout)Voltage
The minimum input-output voltage difference (dropout)
determines the lowest usable supply voltage. In bat-
tery-powered systems, this will determine the useful
Shutdown/Enable
The APL5501/2/3 have an active high enable function.
Force EN high (>1.6V) enables the regulator, EN low
(<0.4V) disables the regulator and enter the shutdown
mode. In shutdown mode, the quiescent current can
reduce below 1uA. The EN pin cannot be floating, a
floating EN pin may cause an indeterminate state on
the output. If it is no use, connect to VIN for normal
operation.


Similar Part No. - APL5501-24DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13KC ANPEC-APL5505-13KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13OC ANPEC-APL5505-13OC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13XC ANPEC-APL5505-13XC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-14KC ANPEC-APL5505-14KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
More results

Similar Description - APL5501-24DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com