Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM7320K Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APM7320K
Description  Dual N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM7320K Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APM7320K Datasheet HTML 2Page - Anpec Electronics Coropration APM7320K Datasheet HTML 3Page - Anpec Electronics Coropration APM7320K Datasheet HTML 4Page - Anpec Electronics Coropration APM7320K Datasheet HTML 5Page - Anpec Electronics Coropration APM7320K Datasheet HTML 6Page - Anpec Electronics Coropration APM7320K Datasheet HTML 7Page - Anpec Electronics Coropration APM7320K Datasheet HTML 8Page - Anpec Electronics Coropration APM7320K Datasheet HTML 9Page - Anpec Electronics Coropration APM7320K Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
7
APM7320K
Packaging Information
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 . 3 5
1 . 7 5
0 . 053
0. 069
A 1
0. 10
0. 25
0. 004
0. 010
D
4 . 8 0
5 . 0 0
0 . 189
0. 197
E
3 . 8 0
4 . 0 0
0 . 150
0. 157
H
5 . 8 0
6 . 2 0
0 . 228
0. 244
L
0 . 4 0
1 . 2 7
0 . 016
0. 050
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)


Similar Part No. - APM7320K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TR ANPEC-APM7322KC-TR Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TRL ANPEC-APM7322KC-TRL Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TU ANPEC-APM7322KC-TU Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM7322KC-TUL ANPEC-APM7322KC-TUL Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM7320K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com