Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM4429KC-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM4429KC-TRL
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429KC-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM4429KC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APM4429KC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Sep., 2005
www.anpec.com.tw
5
APM4429K
Drain-Source On Resistance
-ID - Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
-VDS - Drain - Source Voltage (V)
Output Characteristics
Transfer Characteristics
-VGS - Gate - Source Voltage (V)
Typical Characteristics (Cont.)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
-3V
-2.5V
-2V
V
GS
= -4,-5-6,-7,-8,-9,-10V
0
10
20
30
40
50
4
6
8
10
12
14
16
18
V
GS
= -20V
V
GS
= -10V
V
GS
= -4.5V
0.0
0.5 1.0
1.5
2.0
2.5
3.0 3.5
4.0
0
5
10
15
20
25
30
35
40
45
50
T
j
=-55
oC
T
j
=125
oC
T
j
=25
oC
-50 -25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I
DS
= -250
µA


Similar Part No. - APM4429KC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4429KTR-CK ANPEC-APM4429KTR-CK Datasheet
278Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4429KTU-CK ANPEC-APM4429KTU-CK Datasheet
278Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4429KC-TRL

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com