Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5302-14B Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5302-14B
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5302-14B Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5302-14B Datasheet HTML 3Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 4Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 5Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 6Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 7Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 8Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 9Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 10Page - Anpec Electronics Coropration APL5302-14B Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
7
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Typical Characteristics
1
1.1
1.2
1.3
1.4
1.5
1.6
3.54
4.555.5
6
SHDN Threshold Voltage vs. Input Voltage
Input Voltage (V)
-80
+0
-70
-60
-50
-40
-30
-20
-10
10
200k
20
50
100 200
500
1k
2k
5k
10k 20k
50k
PSRR vs. Frequency
Frequency (HZ)
VIN=4.3V
IOUT =50mA
COUT=1uF
CBP=0.1uF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
01
23
45
6
Reverse Leakage Current vs. Output Voltage
Output Voltage (V)
Dropout Voltage vs. Load Current
Load Current (mA)


Similar Part No. - APL5302-14B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5302-14B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com