Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5505-15OC Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5505-15OC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5505-15OC Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5505-15OC Datasheet HTML 2Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 3Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 4Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 5Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 6Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 7Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 8Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 9Page - Anpec Electronics Coropration APL5505-15OC Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
6
APL5505/6/7
3
0
0.5
1
1.5
2
2.5
3
3.5
0123
456
0
20
40
60
80
100
120
140
0123
456
0
50
10 0
15 0
20 0
25 0
0
100
20 0
300
40 0
500
500
550
600
650
700
750
44 .5
55 .5
6
Typical Characteristics
Current Limit vs. Input Voltage
Input Voltage (V)
Ground Pin Current vs. Load Current
Load Current (mA)
Input Voltage vs. Output Voltage
Input Voltage (V)
Ground Pin Current vs. Input Voltage
Input Voltage (V)


Similar Part No. - APL5505-15OC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5505-15OC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com