Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM4220KAC-TUL Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APM4220KAC-TUL
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4220KAC-TUL Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APM4220KAC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APM4220KAC-TUL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2005
APM4220KA
www.anpec.com.tw
8
Packaging Information
SOP-8-P pin ( Reference JEDEC Registration MS-012)
M illimet ers
Inches
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
D
4.80
5.00
0.189
0.197
D1*
3.34
3.84
0.132
0.151
E
3.80
4.00
0.150
0.157
E1*
2.23
2.68
0.088
0.106
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
e1
0.33
0.51
0.013
0.020
e2
1.27BSC
0.50BSC
φ 1
8
°
8
°
H
E
e1
e2
D
A
A1
0.004m ax.
1
L
E1
D1
* Thermal pad dimension


Similar Part No. - APM4220KAC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4220K ANPEC-APM4220K Datasheet
125Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM4220KC-TR ANPEC-APM4220KC-TR Datasheet
125Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM4220KC-TRL ANPEC-APM4220KC-TRL Datasheet
125Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM4220KC-TU ANPEC-APM4220KC-TU Datasheet
125Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4220KC-TU ANPEC-APM4220KC-TU Datasheet
125Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4220KAC-TUL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com