Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5501-15DC Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5501-15DC
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5501-15DC Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5501-15DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 9Page - Anpec Electronics Coropration APL5501-15DC Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
400
0
150
300
450
600
750
900
Typical Characteristics
Input Voltage (V)
Output Current (mA)
Input Voltage (V)
Input Voltage (V)
APL5501/2/3-33
APL5501/2/3-33
APL5501/2/3-33
APL5501/2/3-33
Input Voltage vs. Output Voltage
Ground Pin Current vs. Input Voltage
Current Limit vs. Input Voltage
Ground Pin Current vs. Output Current


Similar Part No. - APL5501-15DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13KC ANPEC-APL5505-13KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13OC ANPEC-APL5505-13OC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13XC ANPEC-APL5505-13XC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-14KC ANPEC-APL5505-14KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
More results

Similar Description - APL5501-15DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com