Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5312-24S5I-TRL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5312-24S5I-TRL
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312-24S5I-TRL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5312-24S5I-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2005
APL5312
www.anpec.com.tw
2
Product Name Marking Product Name Marking Product Name Marking Product Name Marking
APL5312-15/B
339X
APL5312-16/B
33AX
APL5312-17/B
33BX
APL5312-18/B
33CX
APL5312-19/B
33DX
APL5312-20/B
33EX
APL5312-21/B
33FX
APL5312-22/B
33GX
APL5312-23/B
33HX
APL5312-24/B
33IX
APL5312-25/B
33JX
APL5312-26/B
33KX
APL5312-27/B
33LX
APL5312-28/B
33MX
APL5312-29/B
33NX
APL5312-30/B
33OX
APL5312-31/B
33PX
APL5312-32/B
33QX
APL5312-33/B
33RX
APL5312-34/B
33SX
APL5312-35/B
33TX
APL5312-285/B
33
αX
SOT23-5 packages
Product Name Marking Product Name Marking Product Name Marking Product Name Marking
APL5312-15/S5
339
APL5312-16/S5
33A
APL5312-17/S5
33B
APL5312-18/S5
33C
APL5312-19/S5
33D
APL5312-20/S5
33E
APL5312-21/S5
33F
APL5312-22/S5
33G
APL5312-23/S5
33H
APL5312-24/S5
33I
APL5312-25/S5
33J
APL5312-26/S5
33K
APL5312-27/S5
33L
APL5312-28/S5
33M
APL5312-29/S5
33N
APL5312-30/S5
33O
APL5312-31/S5
33P
APL5312-32/S5
33Q
APL5312-33/S5
33R
APL5312-34/S5
33S
APL5312-35/S5
33T
APL5312-285/S
5
33
α
SC70-5 packages
Pin Description
PIN
No.
Name
I/O
Description
1
VIN
I
Voltage supply input pin
2
GND
GND pin
3
SHDN
I
Shutdown control pin, low = off, high = normal
4
BP
I
Bypass signal pin in fixed output type device
5
VOUT
O
Regulator output pin
Package Code
B : SOT23-5
S5 : SC70-5
Operating Ambient Temp. Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code
15 : 1.5V
30 : 3.0V
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5312
Handling Code
Temp. Range
Package Code
Lead Free Code
Voltage Code
°
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.


Similar Part No. - APL5312-24S5I-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215BI-TRG ANPEC-APL531215BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215S5I-TRG ANPEC-APL531215S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230BI-TRG ANPEC-APL531230BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230S5I-TRG ANPEC-APL531230S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312-24S5I-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com