Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5312-24S5I-TRL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5312-24S5I-TRL
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312-24S5I-TRL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5312-24S5I-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5312-24S5I-TRL Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2005
APL5312
www.anpec.com.tw
7
0
20
40
60
80
100
120
140
1.5
1.8
2.1
2.4
2.7
3
3.3
Time (0.1ms/div)
Time (50us/div)
Line Transient
Exiting Shutdown Waveform
Typical Characteristics (Cont.)
Time (0.1ms/div)
Output Voltage (V)
Entering Shutdown Delay
Shutdown Exit Delay
SHDN(1V/div)
SHDN(1V/div)
VOUT(1V/div)
VOUT(1V/div)
VIN=4.5V~5.5V
VOUT(50mv/div)
IOUT=10mA
IOUT=100mA
CBP=10nF
IOUT=100mA
CBP=10nF
CBP=10nF


Similar Part No. - APL5312-24S5I-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215BI-TRG ANPEC-APL531215BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215S5I-TRG ANPEC-APL531215S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230BI-TRG ANPEC-APL531230BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230S5I-TRG ANPEC-APL531230S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312-24S5I-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com