Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1211RU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B1211RU
Description  Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1211RU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B1211RU Datasheet HTML 1Page - List of Unclassifed Manufacturers B1211RU Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Leads are gold plated for improved
solderability.
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Ef
ciency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-
Load
No-
Load
B1201RU
24
9.0 - 36.0
423
10
3.3
2,400
240.0
3.9
78
1,500
B1202RU
24
9.0 - 36.0
508
10
5.0
2,000
200.0
6.8
82
1,500
B1203RU
24
9.0 - 36.0
595
10
12.0
1,000
100.0
15.0
84
1,500
B1204RU
24
9.0 - 36.0
595
10
15.0
800
80.0
18.0
84
1,500
B1205RU
24
9.0 - 36.0
508
10
±5.0
±1000
±100.0
±6.8
82
1,500
B1206RU
24
9.0 - 36.0
595
10
±12.0
±500
±50.0
±15.0
84
1,500
B1207RU
24
9.0 - 36.0
595
10
±15.0
±400
±40.0
±18.0
84
1,500
B1211RU
48
18.0 - 75.0
212
5
3.3
2,400
240.0
3.9
78
750
B1212RU
48
18.0 - 75.0
254
5
5.0
2,000
200.0
6.8
82
750
B1213RU
48
18.0 - 75.0
298
5
12.0
1,000
100.0
15.0
84
750
B1214RU
48
18.0 - 75.0
298
5
15.0
800
80.0
18.0
84
750
B1215RU
48
18.0 - 75.0
2545
±5.0
±1000
±100.0
±6.8
82
750
B1216RU
48
18.0 - 75.0
2985
±12.0
±500
±50.0
±15.0
84
750
B1217RU
48
18.0 - 75.0
2985
±15.0
±400
±40.0
±18.0
84
750
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
Pin Connections
Remote ON/OFF (Optional, see below)
Parameter
Min
Max
Units
Supply On
2.5
5.5 or Open
VDC
Supply Off
-0.7
0.8
VDC
Standby Input Current
10
mA
Control Input Current (On)
50.0
A
Control Input Current (Off)
-100.0
mA
Control Common
Referenced to Neg. Input (pin 2)
For Remote On/Off Option, add suf
x “R” to model number (i.e. B1205RU-R)
Notes:
1. When measuring output ripple, it is recommended that an external
0.47 F ceramic capacitor be placed from the +Vout pin to the -Vout
pin for single output units and from each output to common for dual
output units. For noise sensitive applications, the use of 3.9
F
capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a
load step change of 75% to 100%.
3. Operation at no-load will not damage these units. However, they may
not meet all speci
cations.
5. Dual output units may be connected to provide a 10 VDC, 24 VDC
or 30 VDC output. To do this, connect the load across the positive
(+Vout) and negative (-Vout) outputs and
oat the output common.
6. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect the
stability of the converter. In applications where the converter output
loading is high and input power is supplied over long lines, it may be
necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low Equivalent Series Resis-
tance (ESR <1.0
at 100 kHz) capacitor be mounted close to the
converter. A 10.0 F is recommended for 24V input models; a 4.7 F
for 48V units.
7. It is recommended that a fuse be used on the input of a power supply
for protection. See the table above for the correct rating.
Remote ON/OFF Notes:
1. Maximum sink current at the on/off pin (pin 6) during a logic
low is 100 A.
2. Maximum allowable leakage current of a switch connected to the
on/off terminal (Pin 6) at logic high (2.5V to 100V) is 50 A.
Single Output
( F Max)
470
Dual Output
( F Max)
±150
Capacitive
Load
Derating Curve


Similar Part No. - B1211RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1211RU MPD-B1211RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
More results

Similar Description - B1211RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
   2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
   4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Superworld Electronics
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
   6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R48S03UWF SUPERWORLD-SW3R48S03UWF Datasheet
176Kb / 2P
   3W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R48S03UWSMF SUPERWORLD-SW3R48S03UWSMF Datasheet
147Kb / 2P
   3W Ultra-Wide Input Single & Dual Output DC-DC Converter
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
logo
Superworld Electronics
SW2R48S03UWF SUPERWORLD-SW2R48S03UWF Datasheet
172Kb / 2P
   2W Ultra-Wide Input Single & Dual Output DC-DC Converter
logo
MicroPower Direct, LLC
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com