Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5301-31A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5301-31A
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5301-31A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5301-31A Datasheet HTML 1Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 2Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 3Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 4Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 5Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 6Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 7Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 8Page - Anpec Electronics Coropration APL5301-31A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
2
P a ck age C o d e
A : S O T -2 3
B : S O T -2 3 -5
D : S O T -8 9
D 5 : S O T -8 9 -5
K : S O P -8
Te m p . R a n g e
C : 0 to 7 0 C
I : -4 0 to 8 5 C
H and ling C o d e
TR : Ta p e & R e e l
V o lta ge C ode :
13 : 1.3V ~ 34 : 3 .4V 50 : 5.0V
Le ad F re e C ode
L : L e a d F re e D e v ic e
B la n k : O rig in a l D e v ic e
APL 5 3 0 1 /2 -
H and ling C o d e
Te m p . R a n g e
P a ck age C o d e
V o lta ge C ode
A P L53 01/2
XXX XX
1 3
X X X X X
- D a te C o d e
;
1 3 - 1 .3 V
A P L 530 1/2 -13 D /K :
Le ad F re e C ode
Product Name
Marking
Product Name
Marking
APL5301-13A/B
317X
APL5302-13A/B
327X
APL5301-14A/B
318X
APL5302-14A/B
328X
APL5301-15A/B
319X
APL5302-15A/B
329X
APL5301-16A/B
31AX
APL5302-16A/B
32AX
APL5301-17A/B
31BX
APL5302-17A/B
32BX
APL5301-18A/B
31CX
APL5302-18A/B
32CX
APL5301-19A/B
31DX
APL5302-19A/B
32DX
APL5301-20A/B
31EX
APL5302-20A/B
32EX
APL5301-21A/B
31FX
APL5302-21A/B
32FX
APL5301-22A/B
31GX
APL5302-22A/B
32GX
APL5301-23A/B
31HX
APL5302-23A/B
32HX
APL5301-24A/B
31IX
APL5302-24A/B
32IX
APL5301-25A/B
31JX
APL5302-25A/B
32JX
APL5301-26A/B
31KX
APL5302-26A/B
32KX
APL5301-27A/B
31LX
APL5302-27A/B
32LX
APL5301-28A/B
31MX
APL5302-28A/B
32MX
APL5301-29A/B
31NX
APL5302-29A/B
32NX
APL5301-30A/B
31OX
APL5302-30A/B
32OX
APL5301-31A/B
31PX
APL5302-31A/B
32PX
Marking Information
SOT-23 and SOT-23-5 packages
V IN
GND
BP
V OU T
1
2
3
5
SH DN
4
Pin Configuration (Cont.)
APL5302
SOT-89 (Top View)
SOT-23 (Top View)
APL5302
Ordering and Marking Information
°°
SOP-8 (Top View)
1
2
3
45
6
7
8
S HDN
V IN
V OUT
BP
G N D
GN D
GN D
GN D
APL5301
GN D
V IN
V OU T
12
3
TA B is G N D
GN D
12
3
V OUT
V IN
SOT-23-5 (Top View)
APL5302


Similar Part No. - APL5301-31A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5301-31A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com