Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM2070PUC-TU Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM2070PUC-TU
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2070PUC-TU Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APM2070PUC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APM2070PUC-TU Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Oct., 2005
www.anpec.com.tw
6
APM2070PU
Drain-Source On Resistance
Tj - Junction Temperature (°C)
-VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
-VDS - Drain - Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
Typical Characteristics (Cont.)
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
V
GS
= - 10V
I
DS
= -5A
R
ON
@T
j
=25
oC: 78m
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1
1
10
20
T
j
=25
oC
T
j
=150
oC
0
2
4
6
8
10 12 14 16 18 20
0
100
200
300
400
500
600
700
800
Frequency=1MHz
Ciss
Coss
Crss
0
5
10
15
20
25
30
35
0
2
4
6
8
10
V
DS
= -10V
I
DS
= -5A


Similar Part No. - APM2070PUC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2070PUC-TU ANPEC-APM2070PUC-TU Datasheet
264Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM2070PUC-TUL ANPEC-APM2070PUC-TUL Datasheet
264Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2070PUC-TU

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com