Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5151-20B Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5151-20B
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5151-20B Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5151-20B Datasheet HTML 1Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 2Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 3Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 4Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 5Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 6Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 7Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 8Page - Anpec Electronics Coropration APL5151-20B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature , VIN=3.6V, CIN=COUT=1uF, SHDN=VIN,
T
J=0 to 125°C . Typical values refer to T
J
=25
°C .
APL5151/2/3/4
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
CBP=0.1
µF, COUT = 1µF
45
55
dB
1.3V
≤VOUT<1.5V
1.2
1.4
1.5V
≤VOUT<2.0
1
1.2
2.0V
≤VOUT<2.5
0.7
0.8
2.5V
≤VOUT<3
0.3
0.4
V
DROP
Dropout Voltage
(Note)
I
OUT =150mA
3V
≤VOUT≤5
0.2
0.3
V
No load
50
80
I
Q
Quiescent Current
IOUT=150mA
135
170
µA
Shutdown Supply
Current
Shutdown = low
I
OUT=0, VCC =6.0V
0.01
1
µA
100Hz<f<100kHz, typical load,
CBP=0.1
µF, COUT = 1µF
80
Noise
100Hz<f<100kHz, typical load,
CBP=0.33
µF, COUT = 1µF
60
µVrms
CBP=0.1
µF,C
OUT=1µF, no load
4
Shutdown Recovery
Delay
CBP=0.33
µF,C
OUT=1µF, no load
13.2
ms
OTS
Over Temperature
Shutdown
150
°C
Over Temperature
Shutdown Hysteresis
Hysteresis
10
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C
C
OUT
Output Capacitor
0.8
1.0
2.6
µF
ESR
0.02
0.1
1
Ohm
Shutdown Input
Threshold
V
OUT+1.0V< VIN <6.0V
0.4
1.6
2.5
V
I
SHDN
Shutdown Input Bias
Current
V
SHDN =VIN
0.01
100
nA
Input Reverse Leakage
Current
VOUT-VIN=0.1V
0.1
0.5
µA
Reverse Protection
Threshold
11
50
mV
Note: Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 0.5V


Similar Part No. - APL5151-20B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results

Similar Description - APL5151-20B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com