Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM2054NU Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2054NU
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2054NU Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2054NU Datasheet HTML 1Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 2Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 3Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 4Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 5Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 6Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 7Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 8Page - Anpec Electronics Coropration APM2054NU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Oct., 2005
www.anpec.com.tw
3
APM2054NU
Electrical Characteristics (T
A = 25°C unless otherwise noted)
APM2054NU
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250µA
20
V
VDS=16V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250µA
0.6
0.7
1.5
V
IGSS
Gate Leakage Current
VGS=±16V, VDS=0V
±100
nA
VGS=10V, IDS=12A
35
40
VGS=4.5V, IDS=6A
45
54
RDS(ON)
a
Drain-Source On-state Resistance
VGS=2.5V, IDS=2A
110
130
m
Diode Characteristics
VSD
a
Diode Forward Voltage
ISD=6A, VGS=0V
0.7
1.3
V
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
2.3
Ciss
Input Capacitance
450
Coss
Output Capacitance
100
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
60
pF
td(ON)
Turn-on Delay Time
7
10
Tr
Turn-on Rise Time
15
25
td(OFF)
Turn-off Delay Time
19
26
Tf
Turn-off Fall Time
VDD=10V, RL=10Ω,
IDS=1A, VGEN=4.5V,
RG=6Ω
6
7
ns
Gate Charge Characteristics
b
Qg
Total Gate Charge
3.8
5
Qgs
Gate-Source Charge
1.2
Qgd
Gate-Drain Charge
VDS=10V, VGS=4.5V,
IDS=12A
1.4
nC
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.


Similar Part No. - APM2054NU

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM2054NUC-TRL VBSEMI-APM2054NUC-TRL Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM2054NU

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com