Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5708R-23VC-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5708R-23VC-TR
Description  Low IQ, Low Dropout 700mA Fixed Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5708R-23VC-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5708R-23VC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5708R-23VC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Low I
Q, Low Dropout 700mA Fixed Voltage Regulator
Copyright  ANPEC Electronics Corp.
Rev. A.2 - May., 2005
APL5708R
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
The APL5708R series are micropower, low dropout
linear regulators, which operate from 2.7V to 6V input
voltage and deliver up to 700mA. Typical dropout volt-
age is only 700mV at 700mA loading. Designed for
using in battery-powered system, the low 60
µA qui-
escent current makes it an ideal choice. Design with
an internal P-channel MOSFET pass transistor, the
APL5708R maintain a low supply current, indepen-
dent of the load current and dropout voltage. Other
features include thermal-shutdown protection, current
limit protection to ensure specified output current and
controlled short-circuit current. The APL5708R regu-
lators come in a miniature SOT-223 package.
Applications
5V to 3.3~3.5V Linear Regulators
3.3V to 1.5~2.5V Linear Regulators
CD-R/W, DVD Player
• LAN Card, ADSL/Cable Modem
Computers
••••• Low Quiescent Current : 60µA (No load)
••••• Low Dropout Voltage : 700mV (@700mA)
•••••
Very low Shutdown Current : < 0.5uA
•••••
Fixed Output Voltage : 1.5V ~ 3.5V
by step 0.1V increment
•••••
Stable with 2.2
µF Output Capacitor
•••••
Stable with Aluminum, Tantalum or Ceramic
Capacitors .
•••••
No Protection Diodes Needed
•••••
Built in Thermal Protection
•••••
Built in Current Limit Protection
•••••
Controlled Short Circuit Current : 50mA
•••••
Fast Transient Response
•••••
Short Setting Time
•••••
SOT-223 Package
• Lead Free Available (RoHS Compliant)
Pin Configuration
General Description
SOT-223 (Top View)
APL5708R
V IN
V OU T
GN D
12
3
T AB i s V OU T


Similar Part No. - APL5708R-23VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AB-TRG ANPEC-APL5701AB-TRG Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AB-TRL ANPEC-APL5701AB-TRL Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AC-TRG ANPEC-APL5701AC-TRG Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AC-TRL ANPEC-APL5701AC-TRL Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
More results

Similar Description - APL5708R-23VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com