Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5509-17AC Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5509-17AC
Description  Low IQ, Low Dropout 560mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5509-17AC Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5509-17AC Datasheet HTML 5Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 6Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 7Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 8Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 9Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 10Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 11Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 12Page - Anpec Electronics Coropration APL5509-17AC Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Mar., 2004
APL5508/5508R/5509/5509R
www.anpec.com.tw
11
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Physical Specifications
Reflow Condition (IR/Convection or VPR Reflow)
Classification Reflow Profiles
t 25 C to Peak
tp
Ram p-up
t
L
Ram p-down
ts
Preheat
Tsm ax
Tsm in
T
L
T
P
25
Tim e
Critical Zone
T
L to T P
°
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
- Temperature (TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak/Classificatioon Temperature (Tp)
See table 1
See table 2
Time within 5
°C of actual
Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Notes: All temperatures refer to topside of the package .Measured on the body surface.


Similar Part No. - APL5509-17AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5509-17AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com