Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS4339 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # TPS4339
Description  Quad Thermopile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

TPS4339 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  TPS4339 Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.perkinelmer.com/opto
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel Jaksch Str 31
Wiesbaden / Germany
Phone +49(0)611 492 0
Fax
+49(0)611 492 170
USA:
PerkinElmer Optoelectronics
2175 Mission Colledge Blvd
Santa Clara, CA 95054
Phone +408 565 0830
Fax
+408 565 0703
Asia:
PerkinElmer Optoelectronics
47, Ayer Rajah Crescent #06-12
Singapore
139947
Phone +65 775 2022
Fax
+65 775 1008
Quad Thermopile
TPS 4339
Quad Thermopile
TPS 4339
Quad Thermopile
TPS 4339
Quad Thermopile
TPS 4339
Quad Thermopile
TPS 4339
Dimensions in mm
Four individual thermopiles with different infrared bandpass
filters in TO 5 housing for NDIR gas sensing – up to 4 gases
possible
Thermistor temperature reference included
Internal aperture to avoid cross talk
Standard gas filter sets for reference, CO, hydrocarbon, CO
2
.
The quad thermopile sensor consists of four single thermopile chips mounted in aTO 5
housing with a thermistor as temperature reference.The window size is 1.5 x 1.5 mm2
each. Due to the overall small sensor size the construction of a very compact equipment
becomes possible.
Applications in automotive exhaust gas control, multiple gas detection for the safety product
market or air quality monitoring
For further information please refer to the TPS 4339 product note
-80
-60
-40
-20
0
20406080
0.0
0.2
0.4
0.6
0.8
1.0
TPS4339
Incidence angle in degree
110
100
0.2
0.4
0.6
0.8
1.0
TPS 4339
-3 dB level
Frequency in Hz
s
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
ts
t
i
n
un
o
i
t
i
d
n
o
c
a
e
r
a
e
v
i
t
i
s
n
e
S
e
z
i
s
w
o
d
n
i
W
y
t
i
v
i
t
i
s
n
e
s
C
D
e
c
n
a
t
s
i
s
e
R
e
s
i
o
N
P
E
N
*
D
y
t
i
v
i
t
i
s
n
e
s
f
o
C
T
e
c
n
a
t
s
i
s
e
r
f
o
C
T
t
n
a
t
s
n
o
c
e
m
i
T
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
r
o
t
s
i
m
r
e
h
Te
c
n
a
t
s
i
s
e
r
a
t
e
b
w
e
i
v
f
o
d
l
e
i
F
Thermopile Infrared Detectors
Lighting
|
Imaging
|
Telecom
S
P
T
9
3
3
4
x
47
.
0
x
7
.
0m
m 2
a
e
r
a
g
n
i
b
r
o
s
b
a
5
.
1
x
5
.
1m
m 2
l
e
n
n
a
h
c
h
c
a
e
5
7W
/
Vr
e
tl
if
o
/
w
B
B
K
0
0
5
5
7kW
1
2/
V
n Ö z
HK
0
0
3
.
s
.
m
.r
8
2
.
0/
W
n Ö z
Hr
e
tl
if
o
/
w
B
B
K
0
0
5
6
.
1 x 0
1 8
m
c Ö
W
/
z
Hr
e
tl
if
o
/
w
B
B
K
0
0
5
2
0
.
0
K
/
%
2
0
.
0
K
/
%
5
2s
m
0
4
-0
0
1C
°t
n
e
n
a
m
r
e
p
n
o
n
0
4
-0
0
1C
°t
n
e
n
a
m
r
e
p
n
o
n
0
0
1kW
C
°
5
2
4
6
9
3K
C
°
0
0
1
/
C
°
5
2
x
40
s
t
n
i
o
p
%
0
5
t
a


Similar Part No. - TPS4339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
More results

Similar Description - TPS4339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP339UG ETC-TP339UG Datasheet
340Kb / 16P
   THERMOPILE
logo
PerkinElmer Optoelectro...
TPS333 PERKINELMER-TPS333 Datasheet
271Kb / 1P
   Thermopile Detector
TPS334L106 PERKINELMER-TPS334L106 Datasheet
273Kb / 1P
   Thermopile Detector
TPS434 PERKINELMER-TPS434 Datasheet
270Kb / 1P
   Thermopile Detector
logo
Hamamatsu Corporation
T11361-01 HAMAMATSU-T11361-01 Datasheet
162Kb / 4P
   Thermopile detector
logo
PerkinElmer Optoelectro...
TPS334 PERKINELMER-TPS334 Datasheet
273Kb / 1P
   Thermopile Detector
TPS534 PERKINELMER-TPS534 Datasheet
265Kb / 1P
   Thermopile Detector
TPS535 PERKINELMER-TPS535 Datasheet
265Kb / 1P
   Thermopile Detector
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
logo
Zhengzhou Winsen Electr...
MRT117 WINSEN-MRT117 Datasheet
389Kb / 7P
   Thermopile Temperature Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com