Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1541-KC-TU Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1541-KC-TU
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1541-KC-TU Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1541-KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL1541-KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Oct., 2003
APL1541
www.anpec.com.tw
3
Electrical Characteristics Cont.
APL1541
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
LIMIT
Current Limit
(V
IN -VOUT)=5V, TJ=25
°C
1
A
I
ADJ
Adjust Pin Current
APL1541
(V
IN -VOUT)=3V, IOUT=10mA, TJ=0~125
°C
60
120
µA
∆I
ADJ
Adjust Pin Current
Change
APL1541
T
J
=0~125°C, 10mA≤ I
OUT
≤1A,
1.4V
≤(V
IN -VOUT)
≤9.75V
0.2
5
µA
I
O
Minimum Load
Current
APL1541
T
J=0~125
°C, (V
IN -VOUT)=9.75V, (note 3)
1.7
mA
PSRR
Ripple Rejection
F
RIPPLE=120Hz, VRIPPLE=1VP-P,
(V
IN -VOUT)=3V, TJ=0~125
°C
60
75
dB
T
R
Thermal
Regulation
T
J=25
°C, 30ms Pulse
0.01
0.02
%/ W
T
S
Temperature
Stability
0.5
%
L
S
Long -Term
Stability
T
J =125
°C,1000Hrs.
0.3
%
V
N
RMS Output
Noise
T
J=25
°C,10Hz≤F≤10kHz,
(% of V
OUT)
0.003
%
θ
th
Thermal
Resistance
Junction to Case, at Tab
Junction to ambient
15
50
°C/ W
I
q
Quiescent Current
APL1541-33
T
J=0~125°C,
V
IN≤12V
5.5
10
mA
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are mea-
sured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 3: Minimum load current is defined as the minimum output current required to maintain regulation.


Similar Part No. - APL1541-KC-TU

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1545 ASB-APL1545 Datasheet
139Kb / 1P
   PLL Module
March 2004
APL1545 ASB-APL1545_13 Datasheet
118Kb / 2P
   PLL Synthesizer Module
June 2010
More results

Similar Description - APL1541-KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com