Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2065KI-TR Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2065KI-TR
Description  Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2065KI-TR Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2065KI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA2065KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APA2065
www.anpec.com.tw
5
Pin Description
Pin Name
Config.
Description
GND
Ground connection, Connected to thermal pad.
VOLUME
I/P
Input signal for internal volume gain setting.
LOUT+
O/P
Left channel positive output in BTL mode and SE mode.
LIN-
I/P
Left channel input terminal
LOUT-
O/P
Left channel negative output in BTL mode and high impedance in SE mode.
BYPASS
Bias voltage generator
SE/BTL
I/P
Output mode control input, high for SE output mode and low for BTL mode.
ROUT-
O/P
Right channel negative output in BTL mode and high impedance in SE
mode.
VDD
Supply voltage for internal circuit excepting power amplifier.
ROUT+
O/P
Right channel positive output in BTL mode and SE mode.
SHUTDOWN
I/P
It will be into shutdown mode when pull low.
RIN-
I/P
Right channel input terminal
Pin Function Description
SE/BTL
SHUTDOWN
Operating mode
X
L
Shutdown mode
L
H
BTL out
H
H
SE out
Control Input Table
14 SE/ BTL
GND 4
13 GND
LIN- 8
GND 5
15 ROUT-
VOLUME 6
12 GND
SHUTDOWN 2
RIN- 3
16 VDD
11 BY PASS
10 LOUT-
LOUT+ 7
ROUT+ 1
9
VDD
APA2065
PDIP-16
10 SE/BTL
16 GND
9 GND
LIN- 4
GND 1
11 ROUT-
VOLUME 2
GND 8
14 SHUTDOWN
15 RIN-
12 VDD
BY PASS 7
LOUT- 6
LOUT+ 3
13 ROUT+
V DD 5
APA2065
SOP-16


Similar Part No. - APA2065KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2060QBI-TRG ANPEC-APA2060QBI-TRG Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2061QBI-TRG ANPEC-APA2061QBI-TRG Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2065KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com