Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1117D Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1117D
Description  1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117D Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1117D Datasheet HTML 1Page - Anpec Electronics Coropration APL1117D Datasheet HTML 2Page - Anpec Electronics Coropration APL1117D Datasheet HTML 3Page - Anpec Electronics Coropration APL1117D Datasheet HTML 4Page - Anpec Electronics Coropration APL1117D Datasheet HTML 5Page - Anpec Electronics Coropration APL1117D Datasheet HTML 6Page - Anpec Electronics Coropration APL1117D Datasheet HTML 7Page - Anpec Electronics Coropration APL1117D Datasheet HTML 8Page - Anpec Electronics Coropration APL1117D Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1117D/R
www.anpec.com.tw
2
P a ckage C ode
U : T O -252
V : S O T -223
T e m p . R ange
C : 0 to 70 C
H a ndling C ode
T U : T ube
T R : T ape & R eel
V o ltage C ode
33 : 3.3V
50 : 5.0V
Lead F ree C o d e
L : Lead F ree D e v ice
B lank : O rig inal D e v ice
°
A P L1 11 7 D /R -
H a ndling C ode
T e m p . R ange
P a ckage C ode
V o ltage C ode
XX XXX - D a te C ode
A P L1117D /R -33U :
A P L1117D /R
XX XXX
- D a te C o d e
XX XXX
A P L1117D /R
XX XXX 33
XX XXX - D a te C ode
33
A P L1117D /R -50U :
A P L1117D /R
XX XXX
- D a te C o d e
XX XXX
50
A P L1117D /R -33U :
A P L1117D /R -50U :
A P L1117D /R
XX XXX 50
Lead F ree C o d e
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
V
I
Input Voltage
13.2
V
T
J
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
L
Lead Temperature (Soldering, 10 second)
260
°C
Absolute Maximum Ratings
Electrical Characteristics
APL1117D/R
Sym bol
Param eter
Test C onditions
Min.
Typ. Max.
Unit
APL1117D/R-33
3.235 3.300 3.365
V
OU T
APL1117D/R-50
T
J=0~ 125
°C,
0
≤IOUT≤0.8A, 4.75V≤VIN≤12V
4.900 5.000 5.100
V
REG LINE Line Regulation
T
J=0~ 125
°C,
IOUT=0.8A, 4.75V
≤VIN≤7.75V(Note1)
16
m V
REG LOAD Load Regulation
T
J=0~ 125
°C,
VIN=4.75A, 0V
≤IOUT≤0.8A(Note1)
110
m V
VD
Dropout Voltage
I
OU T≤ 0.8A ,T J=0 ~ 1 2 5 °C
1.2
1.3
V
ILIMT
Current Lim it
(VIN-VOUT)=5V, TJ=25°C
1
A
PSR R
Ripple Rejection
FRIPPLE=120H z, VRIPPLE=1VP-P
(VIN-VOUT)=3V,TJ=0~125°C
60
75
dB
TR
Therm al Regulation TJ=25°C, 30m s Pulse
0.01
% /W
TS
Tem perature
Stability
0.5
%
LS
Long -Term
Stability
TJ=125°C, 1000Hrs
0.3
%


Similar Part No. - APL1117D

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL1117D

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com