Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA2020KI-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2020KI-TR
Description  Stereo 2-W Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020KI-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2020KI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA2020KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Stereo 2-W Audio Power Amplifier
The APA2020 also served well in low-voltage
applications , which provides 800-mW per channel
into 4
Ω loads with a 3.3V supply voltage. Both of the
depop circuitry and the thermal shutdown protection
circuitry are integrated in the APA2020 , that reduces
pops and clicks noise during power up and when
using the shutdown or mute modes and protects the
chip from being destroyed by over-temperature
failure.
To simplify the audio system design in notebook
computer applications , the APA2020 combines a
stereo bridge-tied loads (BTL) mode for speaker drive
and a stereo single-end (SE) mode for headphone
drive into a single chip , where both modes are easily
switched by the SE/BTL input control pin signal. For
power sensitive applications , the APA2020 also
features a shutdown function which keeps the supply
current only 0.5 µA (typ).
Features
•••••
Depop Circuitry Integrated
•••••
Thermal Shutdown Circuitry Integrated
•••••
Output Power at 1% THD+N, V
DD=5V
- 1.8 W/Ch (typ) into a 4
Ω Load
- 1.2 W/Ch (typ) into a 8
Ω Load
•••••
Bridge-Tied Load (BTL) or Single-Ended
(SE) Modes Operation
•••••
Various 24-Pin Power Packages Available
SOP, TSSOP-P
•••••
Shutdown Control Mode , I
DD= 0.5µA
Applications
•••••
Stereo Audio Power Amplifier for Notebook
Computer
General Description
Ordering and Marking Information
A P A 2020
Ha n d lin g Co d e
T e m p . R ang e
P a ck age C o de
P a ck age C o de
K : S O P
R : T SSO P - P *
T e m p . R ang e
I : - 4 0 to 8 5
C
H a n d lin g C o de
T U : T u b e
T R : T a p e & R e e l
T Y : T r a y
Le ad F r ee C o d e
L : L e a d F r e e D e v ic e
B la n k : O r ig in a l D e v ic e
°
A P A 202 0 K :
APA2 0 2 0
XXX XX
X X X X X - D a te C o d e
A P A 202 0 R :
APA2 0 2 0
XXX XX
X X X X X - D a te C o d e
Le ad F r ee C o d e
* TSSOP-P is a standard TSSOP package with a thermal pad exposure on the bottom of the package.
The APA2020 is a stereo bridge-tied audio power am-
plifier in various 24-pin power packages , including
SOP , TSSOP-P. When connecting to a 5V voltage
supply , the APA2020 is capable of delivering 1.8W/
1.2W of continuous RMS power per channel into 4
Ω/
8
Ω loads with less than 1% THD+N , respectively.
The APA2020 simplifies design and frees up board
space for other features.


Similar Part No. - APA2020KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TR ANPEC-APA2020AKI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TU ANPEC-APA2020AKI-TU Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TY ANPEC-APA2020AKI-TY Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020ARI-TR ANPEC-APA2020ARI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results

Similar Description - APA2020KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com