Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL431LBAC-PB Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL431LBAC-PB
Description  Low Voltage Adjustable Precision Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431LBAC-PB Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL431LBAC-PB Datasheet HTML 1Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 2Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 3Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 4Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 5Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 6Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 7Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 8Page - Anpec Electronics Coropration APL431LBAC-PB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
4
Test Figures (Cont.)
Figure 2. Test Circuit for V
KA>VREF,
V
O= VKA= VREF× (1+R1/R2) + IREF × R1
VIN
IK
IREF
VREF
R1
R2
Vo
Application Schematic
V o
VIN
0.1
µ F
R 2
R 1
VREF
R B
Precision Voltage Reference
V o
V IN
0.1
µ F
RB
VREF
R2
R1
Precision High-Current Series Regulator
Notes for Application Circuits:
1) To improve the stability of output voltage, a 0.1
µF
capacitor between cathode and anode of
APL431L is strongly recommended.
2)Set VOUT according to the following equation:
VOUT = VREF(1+R1/R2)+lREF R1
3)Choose the value for RB as follows:
A)The maximum limit for RB should be such that
the cathode current(lK) is greater than the mini
mum operating current (80
µA) at VIN(MIN).
B)The minimum limit for RB should be such that
the cathode current (lK) does not exceed 100mA
under all load conditions, and the instantaneous
turnon value for lk does not exceed 150mA. Both
of the following conditions must. be met:
VIN(MAX)
150mA
VIN(MAX)-VOUT
lOUT(MIN)+100mA
(to limit instantaneous turn-on lK)
RB,Min
(to limit lK under normal operating conditions)
RB,Min


Similar Part No. - APL431LBAC-PB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL431 ANPEC-APL431 Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-PB ANPEC-APL431AAC-PB Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-PBL ANPEC-APL431AAC-PBL Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-TB ANPEC-APL431AAC-TB Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-TBL ANPEC-APL431AAC-TBL Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
More results

Similar Description - APL431LBAC-PB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com